Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74F193A Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74F193A
Description  SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER WITH DUAL CLOCK AND CLEAR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F193A Datasheet(HTML) 1 Page - Texas Instruments

  SN74F193A Datasheet HTML 1Page - Texas Instruments SN74F193A Datasheet HTML 2Page - Texas Instruments SN74F193A Datasheet HTML 3Page - Texas Instruments SN74F193A Datasheet HTML 4Page - Texas Instruments SN74F193A Datasheet HTML 5Page - Texas Instruments SN74F193A Datasheet HTML 6Page - Texas Instruments SN74F193A Datasheet HTML 7Page - Texas Instruments SN74F193A Datasheet HTML 8Page - Texas Instruments SN74F193A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN74F193A
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
WITH DUAL CLOCK AND CLEAR
SDFS031A – D3693, JANUARY 1991 – REVISED OCTOBER 1993
Copyright
© 1993, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
High-Speed f
max of 100 MHz Typical
Parallel Asynchronous Load for Modulo-N
Count Lengths
Look-Ahead Circuitry Enhances Speed of
Cascaded Counters
Fully Synchronous in Count Modes
Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
The SN74F193A is a synchronous, 4-bit binary up/down counter. Synchronous counting operation is provided
by having all flip-flops clocked simultaneously so that the outputs change coincident with each other when so
instructed by the steering logic. This mode of operation eliminates the output counting spikes normally
associated with asynchronous (ripple-clock) counters.
The outputs of the four flip-flops are triggered on a low-to-high-level transition of either count /clock (UP or
DOWN) input. The direction of the count is determined by which count input is pulsed while the other count input
is high.
All four counters are fully programmable; that is, each output may be preset to either level by placing a low on
the LOAD input and entering the desired data at the data (D) inputs. The output will change to agree with the
data inputs independently of the count pulses. This feature allows the counters to be used as modulo-N dividers
by simply modifying the count length with the preset inputs.
A high level applied to the clear (CLR) input forces all outputs to the low level. The clear function is independent
of the count and load inputs.
These counters were designed to be cascaded without the need for external circuitry. The borrow (BO) output
produces a low-level pulse while the count is zero (all Q outputs low) and the DOWN input is low. Similarily, the
carry (CO) output produces a low-level pulse while the count is 15 (all Q outputs high) and the UP input is low.
The counters can then be easily cascaded by feeding the borrow and carry outputs to the count-down and
count-up inputs, respectively, of the succeeding counter.
The SN74F193A is characterized for operation from 0
°C to 70°C.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
B
QB
QA
DOWN
UP
QC
QD
GND
VCC
A
CLR
BO
CO
LOAD
C
D
D OR N PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74F193A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F190A TI1-SN74F190A Datasheet
126Kb / 7P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER WITH RESET AND RIPPLE CLOCK
SN74F190AN TI1-SN74F190AN Datasheet
126Kb / 7P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER WITH RESET AND RIPPLE CLOCK
More results

Similar Description - SN74F193A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54193 NSC-DM54193 Datasheet
121Kb / 5P
   Synchronous Up/Down 4-Bit Binary Counter with Dual Clock
logo
Texas Instruments
SN74HC193-Q1 TI1-SN74HC193-Q1 Datasheet
233Kb / 13P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN COUNTER (DUAL CLOCK WITH CLEAR)
SN54ALS193A TI-SN54ALS193A Datasheet
130Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS WITH DUAL CLOCK AND CLEAR
logo
Hitachi Semiconductor
HD74HC192 HITACHI-HD74HC192 Datasheet
74Kb / 13P
   Synchronous Up/Down Decade,4-bit Binary Counter(Dual Clock Line)
logo
Texas Instruments
74ACT11867 TI1-74ACT11867 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Texas Instruments
74ACT11867 TI1-74ACT11867_13 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com