Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS874003-02 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS874003-02
Description  PCI EXPRESS??JITTER ATTENUATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS874003-02 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS874003-02 Datasheet HTML 3Page - Integrated Device Technology ICS874003-02 Datasheet HTML 4Page - Integrated Device Technology ICS874003-02 Datasheet HTML 5Page - Integrated Device Technology ICS874003-02 Datasheet HTML 6Page - Integrated Device Technology ICS874003-02 Datasheet HTML 7Page - Integrated Device Technology ICS874003-02 Datasheet HTML 8Page - Integrated Device Technology ICS874003-02 Datasheet HTML 9Page - Integrated Device Technology ICS874003-02 Datasheet HTML 10Page - Integrated Device Technology ICS874003-02 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
IDT/ ICSPCI EXPRESS™ JITTER ATTENUATOR
7
ICS874003AG-02 REV A AUGUST 29, 2006
ICS874003-02
PCI EXPRESS™ JITTER ATTENUATOR
APPLICATION INFORMATION
Figure 2 shows how the differential input can be wired to accept
single ended levels. The reference voltage V_REF = V
DD
/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit
should be located as close as possible to the input pin. The ratio
FIGURE 2. SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT
WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS
of R1 and R2 might need to be adjusted to position the V_REF in
the center of the input voltage swing. For example, if the input
clock swing is only 2.5V and V
DD
= 3.3V, V_REF should be 1.25V
and R2/R1 = 0.609.
V_REF
R1
1K
C1
0.1u
R2
1K
Single Ended Clock Input
CLK
nCLK
VDD
POWER SUPPLY FILTERING TECHNIQUES
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS874003-02 provides
separate power supplies to isolate any high switching noise
from the outputs to the internal PLL. V
DD, VDDA, and VDDO should
be
individually
connected
to
the
power
supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance, power
supply isolation is required.
Figure 1 illustrates how
a 10
Ω resistor along with a 10µF and a .01µF bypass
capacitor should be connected to each V
CCA pin.
FIGURE 1. POWER SUPPLY FILTERING
10
V
DDA
10
µF
.01
µF
3.3V
.01
µF
V
DD


Similar Part No. - ICS874003-02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02 Datasheet
776Kb / 15P
   PCI EXPRESS Jitter Attenuator
logo
Renesas Technology Corp
ICS874003-02 RENESAS-ICS874003-02 Datasheet
775Kb / 15P
   PCI EXPRESS™ Jitter Attenuator
2010
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02_10 Datasheet
776Kb / 15P
   PCI EXPRESS Jitter Attenuator
More results

Similar Description - ICS874003-02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874004 ICST-ICS874004 Datasheet
182Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874003 ICST-ICS874003 Datasheet
504Kb / 12P
   PCI EXPRESS JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS874003-04 IDT-ICS874003-04 Datasheet
756Kb / 15P
   PCI EXPRESS??Jitter Attenuator
logo
Integrated Circuit Syst...
ICS9DB306 ICST-ICS9DB306 Datasheet
323Kb / 16P
   PCI Express, Jitter Attenuator
logo
Integrated Device Techn...
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
   PCI EXPRESS??JITTER ATTENUATOR
ICS874001AGI-05LF IDT-ICS874001AGI-05LF Datasheet
850Kb / 18P
   PCI Express??Jitter Attenuator
logo
Renesas Technology Corp
9DB206 RENESAS-9DB206 Datasheet
367Kb / 15P
   PCI Express Jitter Attenuator
March 11, 2016
logo
Integrated Device Techn...
ICS9DB202 IDT-ICS9DB202_06 Datasheet
681Kb / 13P
   PCI EXPRESS JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com