Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C188-15LMB Datasheet(PDF) 10 Page - Pyramid Semiconductor Corporation

Part # P4C188-15LMB
Description  ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C188-15LMB Datasheet(HTML) 10 Page - Pyramid Semiconductor Corporation

Back Button P4C188-15LMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C188-15LMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C188-15LMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C188-15LMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C188-15LMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C188-15LMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C188-15LMB Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C188-15LMB Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C188-15LMB Datasheet HTML 12Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
P4C188/188L
Page 10 of 12
Document # SRAM112 REV A
Pkg #
# Pins
Symbol
Min
Max
A
0.128
0.148
A1
0.082
-
b
0.016
0.020
C
0.007
0.010
D
0.620
0.630
e
E
E1
0.292
0.300
E2
Q0.025
-
J4
24 (300 mil)
0.050 BSC
0.267 BSC
0.335 BSC
Pkg #
# Pins
Symbol
Min
Max
A
0.060
0.080
A1
0.050
0.068
B1
0.022
0.028
D
0.284
0.296
D1
D2
D3
-
0.296
E
0.484
0.496
E1
E2
E3
-
0.496
e
h
j
L
0.039
0.051
L1
0.039
0.051
L2
0.058
0.072
ND
NE
L3
22
0.150 BSC
0.075 BSC
R = .012
4
7
0.300 BSC
0.150 BSC
0.050 BSC
R = .012
SOJ SMALL OUTLINE IC PACKAGE
RECTANGULAR LEADLESS CHIP CARRIER


Similar Part No. - P4C188-15LMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C188 ETC-P4C188 Datasheet
74Kb / 8P
   ULTRA HIGH SPEED 16K x 4 STATIC
More results

Similar Description - P4C188-15LMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
Pyramid Semiconductor C...
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com