Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT163374CPV Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT74FCT163374CPV
Description  3.3V CMOS 16-BIT REGISTER (3-STATE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT163374CPV Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT74FCT163374CPV Datasheet HTML 1Page - Integrated Device Technology IDT74FCT163374CPV Datasheet HTML 2Page - Integrated Device Technology IDT74FCT163374CPV Datasheet HTML 3Page - Integrated Device Technology IDT74FCT163374CPV Datasheet HTML 4Page - Integrated Device Technology IDT74FCT163374CPV Datasheet HTML 5Page - Integrated Device Technology IDT74FCT163374CPV Datasheet HTML 6Page - Integrated Device Technology IDT74FCT163374CPV Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
IDT74FCT163374A/C
3.3V CMOS 16-BIT REGISTER (3-STATE)
INDUSTRIALTEMPERATURERANGE
ORDERING INFORMATION
XX
Temp. Range
XXXX
Device Type
X
Package
PV
PVG
PA
PAG
PF
PFG
Shrink Small Outline Package
SSOP - Green
Thin Shrink Small Outline Package
TSSOP - Green
Thin Very Small Outline Package
TVSOP - Green
− 40°C to +85°C
74
IDT
FCT
XXX
Family
163
Double-Density 3.3Volt
374A
374C
Non-Inverting 16-Bit Register
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com


Similar Part No. - IDT74FCT163374CPV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163374C IDT-IDT74FCT163374C Datasheet
91Kb / 7P
   3.3V CMOS 16-BIT REGISTER
logo
Renesas Technology Corp
IDT74FCT163374C RENESAS-IDT74FCT163374C Datasheet
250Kb / 8P
   3.3V CMOS 16-BIT REGISTER (3-STATE)
MAY 2018
More results

Similar Description - IDT74FCT163374CPV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT163374A RENESAS-IDT74FCT163374A Datasheet
250Kb / 8P
   3.3V CMOS 16-BIT REGISTER (3-STATE)
MAY 2018
logo
Pericom Semiconductor C...
PI74FCT163374 PERICOM-PI74FCT163374 Datasheet
94Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LCX16374 PERICOM-PI74LCX16374 Datasheet
151Kb / 6P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LPT16374 PERICOM-PI74LPT16374 Datasheet
50Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
logo
Renesas Technology Corp
IDT74FCT16374AT RENESAS-IDT74FCT16374AT Datasheet
259Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
logo
Integrated Device Techn...
IDT74FCT162374AT IDT-IDT74FCT162374AT Datasheet
73Kb / 7P
   FAST CMOS 16-BIT REGISTER (3-STATE)
IDT54FCT16374T IDT-IDT54FCT16374T Datasheet
126Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT162374AT RENESAS-IDT74FCT162374AT Datasheet
239Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT163374A IDT-IDT74FCT163374A_18 Datasheet
91Kb / 7P
   3.3V CMOS 16-BIT REGISTER
logo
NXP Semiconductors
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
   2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com