Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7016L12JGB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT7016L12JGB
Description  HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7016L12JGB Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT7016L12JGB Datasheet HTML 2Page - Integrated Device Technology IDT7016L12JGB Datasheet HTML 3Page - Integrated Device Technology IDT7016L12JGB Datasheet HTML 4Page - Integrated Device Technology IDT7016L12JGB Datasheet HTML 5Page - Integrated Device Technology IDT7016L12JGB Datasheet HTML 6Page - Integrated Device Technology IDT7016L12JGB Datasheet HTML 7Page - Integrated Device Technology IDT7016L12JGB Datasheet HTML 8Page - Integrated Device Technology IDT7016L12JGB Datasheet HTML 9Page - Integrated Device Technology IDT7016L12JGB Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6.42
IDT7016S/L
High-Speed 16K x 9 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
6
APRIL 04, 2006
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1) (con't.) (VCC= 5.0V ± 10%)
NOTES:
1.
'X' in part numbers indicates power rating (S or L)
2.
VCC = 5V, TA = +25°C, and are not production tested. ICCDC = 120mA(typ.)
3.
At f = fMAX
, address and I/Os are cycling at the maximum frequency read cycle of 1/tRC.
4.
f = 0 means no address or control lines change.
5.
Port "A" may be either left or right port. Port "B" is the opposite of Port "A".
7016X12
Com'l Only
7016X15
Com'l Only
Symbol
Parameter
Test Condition
Version
Typ.
(2)
Max.
Typ.
(2)
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CE = VIL, Outputs Disabled
SEM = VIH
f = fMAX
(3)
COM'L
S
L
170
170
325
275
170
170
310
260
mA
MIL &
IND
S
L
____
____
____
____
____
____
____
____
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CER = CEL = VIH
SEMR = SEML = VIH
f = fMAX
(3)
COM'L
S
L
25
25
70
60
25
25
60
50
mA
MIL &
IND
S
L
____
____
____
____
____
____
____
____
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A" = VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX
(3)
SEMR = SEML = VIH
COM'L
S
L
105
105
200
170
105
105
190
160
mA
MIL &
IND
S
L
____
____
____
____
____
____
____
____
ISB3
Full Standby Current
(Both Ports - All CMOS
Level Inputs)
Both Ports
CEL and
CER > VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0
(4)
SEMR = SEML > VCC - 0.2V
COM'L
S
L
1.0
0.2
15
5
1.0
0.2
15
5
mA
MIL &
IND
S
L
____
____
____
____
____
____
____
____
ISB4
Full Standby Current
(One Port - All CMOS
Level Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(5)
SEMR = SEML > VCC - 0.2V
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled
f = fMAX(3)
COM'L
S
L
100
100
180
150
100
100
170
140
mA
MIL &
IND
S
L
____
____
____
____
____
____
____
____
3190 tbl 10
7016X20
Com'l, Ind
& Military
7016X25
Com'l &
Military
7016X35
Com'l &
Military
Symbol
Parameter
Test Condition
Version
Typ.(2)
Max.
Typ.(2)
Max.
Typ.(2)
Max.
Unit
ICC
Dynamic Operating Current
(Both Ports Active)
CE = VIL, Outputs Disabled
SEM = VIH
f = fMAX(3)
COM'L
S
L
160
160
290
240
155
155
265
220
150
150
250
210
mA
MIL &
IND
S
L
160
160
380
310
155
155
340
280
150
150
300
250
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CER = CEL = VIH
SEMR = SEML = VIH
f = fMAX(3)
COM'L
S
L
20
20
60
50
16
16
60
50
13
13
60
50
mA
MIL &
IND
S
L
20
20
80
65
16
16
80
65
13
13
80
65
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A" = VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX(3)
SEMR = SEML = VIH
COM'L
S
L
95
95
180
150
90
90
170
140
85
85
155
130
mA
MIL &
IND
S
L
95
95
240
210
90
90
215
180
85
85
190
160
ISB3
Full Standby Current
(Both Ports - All CMOS
Level Inputs)
Both Ports
CEL and
CER > VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(4)
SEMR = SEML > VCC - 0.2V
COM'L
S
L
1.0
0.2
15
5
1.0
0.2
15
5
1.0
0.2
15
5
mA
MIL &
IND
S
L
1.0
0.2
30
10
1.0
0.2
30
10
1.0
0.2
30
10
ISB4
Full Standby Current
(One Port - All CMOS Level
Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(5)
SEMR = SEML > VCC - 0.2V
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled
f = fMAX(3)
COM'L
S
L
90
90
155
130
85
85
145
120
80
80
135
110
mA
MIL &
IND
S
L
90
90
230
200
85
85
200
170
80
80
175
150
3190 tbl 11


Similar Part No. - IDT7016L12JGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016L12J IDT-IDT7016L12J Datasheet
262Kb / 20P
   HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
IDT7016L12JB IDT-IDT7016L12JB Datasheet
262Kb / 20P
   HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7016L12JGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35PF8 IDT-IDT7016S35PF8 Datasheet
169Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S Datasheet
262Kb / 20P
   HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com