Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1320BV18-300BZXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1320BV18-300BZXC
Description  18-Mbit DDR-II SRAM 2-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1320BV18-300BZXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1320BV18-300BZXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1320BV18-300BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1320BV18-300BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1320BV18-300BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1320BV18-300BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1320BV18-300BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1320BV18-300BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1320BV18-300BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1320BV18-300BZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
CY7C1316BV18
CY7C1916BV18
CY7C1318BV18
CY7C1320BV18
Document Number: 38-05621 Rev. *C
Page 3 of 28
1M x 18 Array
Write
Reg
Write
Reg
Logic Block Diagram (CY7C1318BV18)
CLK
A(19:0)
Gen.
K
K
Control
Logic
Address
Register
Read Data Reg.
R/W
DQ[17:0]
Output
Logic
Reg.
Reg.
Reg.
18
18
36
18
BWS[1:0]
VREF
18
20
C
C
18
LD
Control
Burst
Logic
A0
A(19:1)
19
CQ
CQ
R/W
DOFF
Logic Block Diagram (CY7C1320BV18)
CLK
A(18:0)
Gen.
K
K
Control
Logic
Address
Register
Read Data Reg.
R/W
DQ[35:0]
Output
Logic
Reg.
Reg.
Reg.
36
36
72
36
BWS[3:0]
VREF
36
19
C
C
36
LD
Control
Burst
Logic
A0
A(18:1)
18
512K x 36 Array
Write
Reg
Write
Reg
CQ
CQ
36
R/W
DOFF
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1320BV18-300BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1320BV18-167BZC CYPRESS-CY7C1320BV18-167BZC Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1320BV18-200BZC CYPRESS-CY7C1320BV18-200BZC Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1320BV18-250BZC CYPRESS-CY7C1320BV18-250BZC Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1320BV18-250BZI CYPRESS-CY7C1320BV18-250BZI Datasheet
1Mb / 31P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1320BV18-300BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18 Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C13201KV18 CYPRESS-CY7C13201KV18 Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1318BV18 CYPRESS-CY7C1318BV18_11 Datasheet
1Mb / 31P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316AV18 CYPRESS-CY7C1316AV18 Datasheet
228Kb / 20P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316JV18 CYPRESS-CY7C1316JV18 Datasheet
616Kb / 26P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316CV18 CYPRESS-CY7C1316CV18 Datasheet
662Kb / 29P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1392JV18 CYPRESS-CY7C1392JV18 Datasheet
1Mb / 26P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392BV18 CYPRESS-CY7C1392BV18 Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392AV18 CYPRESS-CY7C1392AV18 Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com