Electronic Components Datasheet Search |
|
IDT7015L20JI Datasheet(PDF) 4 Page - Integrated Device Technology |
|
IDT7015L20JI Datasheet(HTML) 4 Page - Integrated Device Technology |
4 / 20 page 6.42 IDT7015S/L High-Speed 8K x 9 Dual-Port Static RAM Military, Industrial and Commercial Temperature Ranges 4 APRIL 04, 2006 Truth Table I: Non-Contention Read/Write Control Recommended DC Operating Conditions Maximum Operating Temperature and Supply Voltage(1) Absolute Maximum Ratings(1) Truth Table II: Semaphore Read/Write CONTROL(1) NOTE: 1. Condition: A0L — A12L = A0R — A12R NOTE: 1. There are eight semaphore flags written to via I/O0 and read from all I/Os (I/O0 - I/O8). These eight semaphores are addressed by A0 - A2. NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VTERM must not exceed Vcc + 10% for more than 25% of the cycle time or 10ns maximum, and is limited to < 20mA for the period of VTERM > Vcc + 10%. NOTES: 1. This is the parameter TA. There is the "instant on" case temperature. NOTES: 1. VIL > -1.5V for pulse width less than 10ns. 2. VTERM must not exceed Vcc + 10%. Inputs (1) Outputs Mode CE R/ W OE SEM I/O0-8 H X X H High-Z Deselected: Power-Down LL X H DATAIN Write to Memory LH LH DATAOUT Read Memory X X H X High-Z Outputs Disabled 2954 tbl 02 Inputs (1) Outputs Mode CE R/ W OE SEM I/O0-8 HH L L DATAOUT Read Semaphore Flag Data Out (I/O0-8) H ↑ XL DATAIN Write I/O0 into Semaphore Flag LX X L ____ Not Allowed 2954 tbl 03 Symbol Rating Commercial & Industrial Military Unit VTERM(2) Terminal Voltage with Respect to GND -0.5 to +7.0 -0.5 to +7.0 V TBIAS Temperature Under Bias -55 to +125 -65 to +135 oC TSTG Storage Temperature -65 to +150 -65 to +150 oC IOUT DC Output Current 50 50 mA 2954 tbl 04 Grade Ambient Temperature GND Vcc Military -55OC to +125OC0V 5.0V + 10% Commercial 0OC to +70OC0V 5.0V + 10% Industrial -40OC to +85OC0V 5.0V + 10% 2954 tbl 05 Symbol Parameter Min. Typ. Max. Unit VCC Supply Voltage 4.5 5.0 5.5 V GND Ground 0 0 0 V VIH Input High Voltage 2.2 ____ 6.0(2) V VIL Input Low Voltage -0.5 (1) ____ 0.8 V 2954 tbl 06 |
Similar Part No. - IDT7015L20JI |
|
Similar Description - IDT7015L20JI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |