Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1347G-133BZXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1347G-133BZXI
Description  4-Mbit (128K x 36) Pipelined Sync SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1347G-133BZXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1347G-133BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1347G-133BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1347G-133BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1347G-133BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1347G-133BZXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1347G-133BZXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1347G-133BZXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1347G-133BZXI Datasheet HTML 13Page - Cypress Semiconductor CY7C1347G-133BZXI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
CY7C1347G
Document #: 38-05516 Rev. *E
Page 10 of 21
Maximum Ratings
Exceeding the maximum ratings may shorten the battery life
of the device. User guidelines are not tested.
Storage Temperature
..................................... −65°C to +150°C
Ambient Temperature with
Power Applied
.................................................. −55°C to +125°C
Supply Voltage on VDD Relative to GND.........−0.5V to +4.6V
Supply Voltage on VDDQ Relative to GND .......−0.5V to +VDD
DC Voltage Applied to Outputs
in High-Z State
........................................... −0.5V to VDD + 0.5V
DC Input Voltage
....................................... −0.5V to VDD + 0.5V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage.......................................... > 2001V
(MIL-STD-883, Method 3015)
Latch Up Current ................................................... > 200 mA
Operating Range
Range
Ambient
Temperature
VDD
VDDQ
Commercial
0°C to +70°C
3.3V
−5%/+10%
2.5V
−5%
to VDD
Industrial
–40°C to +85°C
Electrical Characteristics
Over the Operating Range [8, 9]
Parameter
Description
Test Conditions
Min
Max
Unit
VDD
Power Supply Voltage
3.135
3.6
V
VDDQ
IO Supply Voltage
2.375
VDD
V
VOH
Output HIGH Voltage
For 3.3V IO, IOH = –4.0 mA
2.4
V
For 2.5V IO, IOH = –1.0 mA
2.0
V
VOL
Output LOW Voltage
For 3.3V IO, IOL = 8.0 mA
0.4
V
For 2.5V IO, IOL = 1.0 mA
0.4
V
VIH
Input HIGH Voltage[8]
For 3.3V IO
2.0
VDD + 0.3V V
For 2.5V IO
1.7
VDD + 0.3V V
VIL
Input LOW Voltage[8]
For 3.3V IO
–0.3
0.8
V
For 2.5V IO
–0.3
0.7
V
IX
Input Leakage Current
Except ZZ and MODE
GND < VI < VDDQ
−5
5
µA
Input Current of MODE
Input = VSS
−30
µA
Input = VDD
5
µA
Input Current of ZZ
Input = VSS
−5
µA
Input = VDD
30
µA
IOZ
Output Leakage Current GND
≤ VI ≤ VDDQ, Output Disabled
−5
5
µA
IDD
VDD Operating Supply
Current
VDD = Max., IOUT = 0 mA,
f = fMAX = 1/tCYC
4-ns cycle, 250 MHz
325
mA
5-ns cycle, 200 MHz
265
mA
6-ns cycle, 166 MHz
240
mA
7.5-ns cycle, 133 MHz
225
mA
ISB1
Automatic CE
Power Down
Current—TTL Inputs
Max. VDD, Device Deselected,
VIN > VIH or VIN < VIL
f = fMAX = 1/tCYC
4-ns cycle, 250 MHz
120
mA
5-ns cycle, 200 MHz
110
mA
6-ns cycle, 166 MHz
100
mA
7.5-ns cycle, 133 MHz
90
mA
ISB2
Automatic CE
Power Down
Current—CMOS Inputs
Max. VDD, Device Deselected,
VIN < 0.3V or VIN > VDDQ – 0.3V,
f = 0
All speeds
40
mA
Notes
8. Overshoot: VIH(AC) < VDD +1.5V (pulse width less than tCYC/2). Undershoot: VIL(AC) > –2V (pulse width less than tCYC/2).
9. TPower-up: assumes a linear ramp from 0V to VDD(min) within 200 ms. During this time VIH < VDD and VDDQ < VDD.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1347G-133BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1347G-133BGXC CYPRESS-CY7C1347G-133BGXC Datasheet
808Kb / 24P
   4-Mbit (128 K x 36) Pipelined Sync SRAM Asynchronous output enable
CY7C1347G-133BGXC CYPRESS-CY7C1347G-133BGXC Datasheet
538Kb / 25P
   4-Mbit (128 K 횞 36) Pipelined Sync SRAM
CY7C1347G-133BGXC CYPRESS-CY7C1347G-133BGXC Datasheet
567Kb / 26P
   4-Mbit (128 K x 36) Pipelined Sync SRAM
More results

Similar Description - CY7C1347G-133BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1347F CYPRESS-CY7C1347F Datasheet
423Kb / 19P
   4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1348G CYPRESS-CY7C1348G Datasheet
348Kb / 16P
   4-Mbit (128K x 36) Pipelined DCD Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G Datasheet
340Kb / 17P
   4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
CY7C1340G CYPRESS-CY7C1340G Datasheet
349Kb / 16P
   4-Mbit (128K x 32) Pipelined DCD Sync SRAM
CY7C1326H CYPRESS-CY7C1326H Datasheet
678Kb / 15P
   2-Mbit (128K x 18) Pipelined Sync SRAM
CY7C1347G CYPRESS-CY7C1347G_13 Datasheet
567Kb / 26P
   4-Mbit (128 K x 36) Pipelined Sync SRAM
CY7C1345G CYPRESS-CY7C1345G_07 Datasheet
767Kb / 20P
   4-Mbit (128K x 36) Flow Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G Datasheet
331Kb / 17P
   4-Mbit (128K x 36) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com