Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH6616 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # CPH6616
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6616 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  CPH6616 Datasheet HTML 1Page - Sanyo Semicon Device CPH6616 Datasheet HTML 2Page - Sanyo Semicon Device CPH6616 Datasheet HTML 3Page - Sanyo Semicon Device CPH6616 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CPH6616
No.8107-4/4
A S O
1.0
2
2
3
5
7
2
3
5
7
3
2
5
7
10
0.1
0.01
23
5
5
3
7
23
5 7
23
5 7
0.01
0.1
1.0
10
2
IT07316
VGS -- Qg
IT07314
0
0
1
2
3
5
4
6
7
8
9
6
10
12345
<10
µs
100
µ
s
1ms
10ms
100ms
Operation in this area
is limited by RDS(on).
ID=2.5A
DC
operation
(T
a=25
°C)
IDP=10A
VDS=10V
ID=2.5A
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
Ta=25
°C
Single pulse
Mounted on a ceramic board (900mm2!0.8mm) 1unit
PD -- Ta
IT07318
0
0
20
40
60
80
100
120
0.8
0.9
1.0
140
160
0.6
0.4
0.2
Ambient Temperature, Ta --
°C
Mounted
on
a ceramic
board
(900mm
2!
0.8mm)
1unit
PS
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer’s
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer’s products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products(including technical data,services) described or
contained herein are controlled under any of applicable local export control laws and regulations,
such products must not be exported without obtaining the export license from the authorities
concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
This catalog provides information as of December, 2004. Specifications and information herein are subject
to change without notice.
Note on usage : Since the CPH6616 is a MOSFET product, please avoid using this device in the vicinity
of highly charged objects.


Similar Part No. - CPH6616

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6612 SANYO-CPH6612 Datasheet
41Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
CPH6613 SANYO-CPH6613 Datasheet
40Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
CPH6614 SANYO-CPH6614 Datasheet
54Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
CPH6615 SANYO-CPH6615 Datasheet
76Kb / 6P
   CPH6615
CPH6619 SANYO-CPH6619 Datasheet
58Kb / 7P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
More results

Similar Description - CPH6616

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK4119LS SANYO-2SK4119LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
ECH8621R SANYO-ECH8621R Datasheet
43Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
CPH3441 SANYO-CPH3441 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW231A SANYO-FW231A Datasheet
44Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8002 SANYO-FTD8002 Datasheet
41Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8007 SANYO-FTD8007 Datasheet
40Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK2624ALS SANYO-2SK2624ALS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW261 SANYO-FW261_07 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4096LS SANYO-2SK4096LS Datasheet
55Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK3977 SANYO-2SK3977 Datasheet
54Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4122LS SANYO-2SK4122LS Datasheet
51Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com