Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V3010PV Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT82V3010PV
Description  T1/E1/OC3 TELECOM CLOCK GENERATOR WITH DUAL REFERENCE INPUTS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V3010PV Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT82V3010PV Datasheet HTML 7Page - Integrated Device Technology IDT82V3010PV Datasheet HTML 8Page - Integrated Device Technology IDT82V3010PV Datasheet HTML 9Page - Integrated Device Technology IDT82V3010PV Datasheet HTML 10Page - Integrated Device Technology IDT82V3010PV Datasheet HTML 11Page - Integrated Device Technology IDT82V3010PV Datasheet HTML 12Page - Integrated Device Technology IDT82V3010PV Datasheet HTML 13Page - Integrated Device Technology IDT82V3010PV Datasheet HTML 14Page - Integrated Device Technology IDT82V3010PV Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
IDT82V3010
T1/E1/OC3 Telecom Clock Generator with Dual Reference Inputs
Functional Description
11
June 19, 2006
Reference Input Monitor and Invalid Input Signal Detection block for
further processing.
When a transient voltage occurs on the IN_sel pin, the operating
mode will be changed to Short Time Holdover (S4) with the TIE Control
Block automatically disabled. At the stage of S4, if no IN_sel transient
occurs, the reference signal will be switched from one to the other, and
the operating mode will be changed back to Normal (S1) automatically.
During the change from S4 to S1, the TIE Control Block can be enabled
or disabled, depending on the logic level on the TIE_en pin. See Figure -
3 for details.
2.4
REFERENCE INPUT MONITOR
The IDT82V3010 monitors the Fref0 and Fref1 frequencies and
outputs two signals at MON_out0 pin and MON_out1 pin to indicate the
monitoring results respectively. Whenever the Fref0 frequency is off the
nominal frequency by more than ±12 ppm, the MON_out0 pin will go
high. The MON_out1 pin indicates the monitoring result of Fref1 in the
same way. The MON_out0 and MON_out1 signals are updated every 2
seconds.
2.5
INVALID INPUT SIGNAL DETECTION
This circuit is used to detect if the selected input reference (Fref0 or
Fref1) is out of the capture range. Refer to “3.6 Capture Range” for
details. This includes a complete loss of the input reference and a large
frequency shift in the input reference.
If the input reference is invalid (out of the capture range), the
IDT82V3010 will be automatically changed to the Holdover mode (Auto-
Holdover). When the input reference becomes valid, the device will be
changed back to the Normal mode and the output signals will be locked
to the input reference.
In the Holdover mode, the output signals are based on the output
reference signal 30 ms to 60 ms prior to entering the Holdover mode.
The amount of phase drift while in holdover can be negligible because
the Holdover mode is very accurate. Consequently, the phase delay
between the input and output after switching back to the Normal mode is
preserved.
2.6
TIE CONTROL BLOCK
If the current reference is badly damaged or lost, it is necessary to
use the other reference or the one generated by storage techniques
instead. But when switching the reference, a step change in phase on
the input reference will occur. A step change in phase in the input to
DPLL may lead to an unacceptable phase change on the output signals.
The TIE control block, when enabled, prevents a step change in phase
on the input reference signals from causing a step change in phase on
the output of the DPLL block. Figure - 4 shows the TIE Control Block
diagram.
Figure - 4 TIE Control Block Diagram
When the TIE Control Block is enabled manually or automatically (by
the TIE_en pin or TIE auto-enable logic generated by the State Control
Circuit), it works under the control of the Step Generation circuit.
At the Measure Circuit stage, the selected reference signal (Fref0 or
Fref1) is compared with the feedback signal (current output feed back
from the Frequency Select Circuit). The phase difference between the
input reference and the feedback signal is stored in the Storage Circuit
for TIE correction. According to the value stored in the storage circuit,
the Trigger Circuit generates a virtual reference with the same phase as
the previous reference. In this way, the reference can be switched
without generating a step change in phase.
Figure - 5 shows the phase transient that will result if a reference
switch is performed with the TIE Control Block enabled.
The value of the phase difference in the Storage Circuit can be
cleared by applying a logic low reset signal to the TCLR pin. The
minimum width of the reset pulse should be 300 ns.
When the IDT82V3010 primarily enters the Holdover mode for a
short time period and then returns back to the Normal mode, the TIE
Control Circuit should not be enabled. This will prevent undesired
accumulated phase change between the input and output.
If the TIE Control Block is disabled manually or automatically, a
reference switch will result in a phase alignment between the input
signal and the output signal as shown in Figure - 6. The slope of the
phase adjustment is limited to 5 ns per 125 µs.
Table - 4 Input Reference Selection
IN_sel
Input Reference
0Fref0
1Fref1
Step Generation
TIE_en
Reference
Select Circuit
Fref0
Fref1
IN_sel
Measure
Circuit
Storage
Circuit
Trigger
Circuit
Feedback
Signal
TCLR
Fref
Virtual
Reference
Signal


Similar Part No. - IDT82V3010PV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V3010PVG RENESAS-IDT82V3010PVG Datasheet
171Kb / 31P
   T1/E1/OC3 TELECOM CLOCK GENERATOR WITH DUAL REFERENCE INPUTS
November 14, 2012
More results

Similar Description - IDT82V3010PV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V3010 RENESAS-IDT82V3010 Datasheet
171Kb / 31P
   T1/E1/OC3 TELECOM CLOCK GENERATOR WITH DUAL REFERENCE INPUTS
November 14, 2012
logo
Integrated Device Techn...
82V3012 IDT-82V3012 Datasheet
456Kb / 32P
   T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
logo
Renesas Technology Corp
IDT82V3012 RENESAS-IDT82V3012 Datasheet
633Kb / 33P
   T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
February 6, 2009
logo
Integrated Device Techn...
IDT82V3155 IDT-IDT82V3155 Datasheet
423Kb / 30P
   ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
82V3155 IDT-82V3155 Datasheet
397Kb / 34P
   ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
logo
Renesas Technology Corp
82V3155 RENESAS-82V3155 Datasheet
576Kb / 35P
   ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
January 11, 2017
logo
Integrated Device Techn...
IDT82V3011 IDT-IDT82V3011 Datasheet
403Kb / 30P
   T1/E1/OC3 WAN PLL WITH SINGLE REFERENCE INPUT
logo
Renesas Technology Corp
IDT82V3011 RENESAS-IDT82V3011 Datasheet
516Kb / 32P
   T1/E1/OC3 WAN PLL WITH SINGLE REFERENCE INPUT
May 24, 2006
logo
Cypress Semiconductor
CY26200 CYPRESS-CY26200_05 Datasheet
94Kb / 5P
   T1/E1 Clock Generator
CY26200 CYPRESS-CY26200 Datasheet
94Kb / 5P
   T1/E1 Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com