Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V3255TF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT82V3255TF
Description  WAN PLL
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V3255TF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT82V3255TF Datasheet HTML 6Page - Integrated Device Technology IDT82V3255TF Datasheet HTML 7Page - Integrated Device Technology IDT82V3255TF Datasheet HTML 8Page - Integrated Device Technology IDT82V3255TF Datasheet HTML 9Page - Integrated Device Technology IDT82V3255TF Datasheet HTML 10Page - Integrated Device Technology IDT82V3255TF Datasheet HTML 11Page - Integrated Device Technology IDT82V3255TF Datasheet HTML 12Page - Integrated Device Technology IDT82V3255TF Datasheet HTML 13Page - Integrated Device Technology IDT82V3255TF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 127 page
background image
IDT82V3255
WAN PLL
Description
10
June 19, 2006
DESCRIPTION
The IDT82V3255 is an integrated, single-chip solution for the Syn-
chronous Equipment Timing Source for Stratum 3, SMC, 4E and 4
clocks in SONET / SDH equipments, DWDM and Wireless base station,
such as GSM, 3G, DSL concentrator, Router and Access Network appli-
cations.
The device supports three types of input clock sources: recovered
clock from STM-N or OC-n, PDH network synchronization timing and
external synchronization reference timing.
Based on ITU-T G.783 and Telcordia GR-253-CORE, the device con-
sists of T0 and T4 paths. The T0 path is a high quality and highly config-
urable path to provide system clock for node timing synchronization
within a SONET / SDH network. The T4 path is simpler and less config-
urable for equipment synchronization. The T4 path locks independently
from the T0 path or locks to the T0 path.
An input clock is automatically or manually selected for T0 and T4
each for DPLL locking. Both the T0 and T4 paths support three primary
operating modes: Free-Run, Locked and Holdover. In Free-Run mode,
the DPLL refers to the master clock. In Locked mode, the DPLL locks to
the selected input clock. In Holdover mode, the DPLL resorts to the fre-
quency data acquired in Locked mode. Whatever the operating mode is,
the DPLL gives a stable performance without being affected by operat-
ing conditions or silicon process variations.
If the DPLL outputs are processed by T0/T4 APLL, the outputs of the
device will be in a better jitter/wander performance.
The device provides programmable DPLL bandwidths: 0.1 Hz to 560
Hz in 11 steps and damping factors: 1.2 to 20 in 5 steps. Different set-
tings cover all SONET / SDH clock synchronization requirements.
A high stable input is required for the master clock in different appli-
cations. The master clock is used as a reference clock for all the internal
circuits in the device. It can be calibrated within ±741 ppm.
All the read/write registers are accessed through a serial micropro-
cessor interface. The device supports Serial microprocessor interface
mode only.
The device can be used typically in Line Card application.


Similar Part No. - IDT82V3255TF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3255TFBLANK IDT-IDT82V3255TFBLANK Datasheet
1Mb / 132P
   WAN PLL
IDT82V3255TFGBLANK IDT-IDT82V3255TFGBLANK Datasheet
1Mb / 132P
   WAN PLL
More results

Similar Description - IDT82V3255TF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3285 IDT-IDT82V3285 Datasheet
1Mb / 147P
   WAN PLL
IDT82V3280 IDT-IDT82V3280 Datasheet
1Mb / 167P
   WAN PLL
logo
Renesas Technology Corp
IDT82V3280 RENESAS-IDT82V3280 Datasheet
1Mb / 173P
   WAN PLL
June 22, 2015
IDT82V3285A RENESAS-IDT82V3285A Datasheet
1Mb / 150P
   WAN PLL
August 7, 2009
logo
Integrated Device Techn...
IDT82V3280 IDT-IDT82V3280_08 Datasheet
1Mb / 171P
   WAN PLL
IDT82V3255 IDT-IDT82V3255_08 Datasheet
1Mb / 132P
   WAN PLL
logo
Renesas Technology Corp
IDT82V3288 RENESAS-IDT82V3288 Datasheet
1Mb / 171P
   WAN PLL
March 14, 2007
IDT82V3285 RENESAS-IDT82V3285 Datasheet
1Mb / 148P
   WAN PLL
December 9, 2008
logo
Integrated Device Techn...
IDT82V3288 IDT-IDT82V3288 Datasheet
1Mb / 170P
   WAN PLL
IDT82V32021 IDT-IDT82V32021 Datasheet
1Mb / 108P
   EBU WAN PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com