Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1346H Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1346H
Description  2-Mbit (64K x 36) Pipelined Sync SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1346H Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1346H Datasheet HTML 5Page - Cypress Semiconductor CY7C1346H Datasheet HTML 6Page - Cypress Semiconductor CY7C1346H Datasheet HTML 7Page - Cypress Semiconductor CY7C1346H Datasheet HTML 8Page - Cypress Semiconductor CY7C1346H Datasheet HTML 9Page - Cypress Semiconductor CY7C1346H Datasheet HTML 10Page - Cypress Semiconductor CY7C1346H Datasheet HTML 11Page - Cypress Semiconductor CY7C1346H Datasheet HTML 12Page - Cypress Semiconductor CY7C1346H Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CY7C1346H
Document #: 38-05672 Rev. *B
Page 9 of 16
Capacitance[10]
Parameter
Description
Test Conditions
100 TQFP
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VDD = 3.3V.
VDDQ = 2.5V
5
pF
CCLK
Clock Input Capacitance
5
pF
CI/O
Input/Output Capacitance
5
pF
Thermal Resistance[10]
Parameter
Description
Test Conditions
100 TQFP
Package
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test
methods and procedures for measuring
thermal impedance, per EIA/JESD51
30.32
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
6.85
°C/W
AC Test Loads and Waveforms
Note:
10. Tested initially and after any design or process change that may affect these parameters.
OUTPUT
R = 317
R = 351
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50Ω
Z0 = 50Ω
VL = 1.5V
3.3V
ALL INPUT PULSES
VDDQ
GND
90%
10%
90%
10%
≤ 1 ns
≤ 1 ns
(c)
3.3V I/O Test Load
OUTPUT
R = 1667
R =1538
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50Ω
Z0 = 50Ω
VT = 1.25V
2.5V
ALL INPUT PULSES
VDDQ
GND
90%
10%
90%
10%
≤ 1 ns
≤ 1 ns
(c)
2.5V I/O Test Load
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1346H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1346F CYPRESS-CY7C1346F Datasheet
321Kb / 16P
   2-Mbit (64K x 36) Pipelined Sync SRAM
CY7C1346F-100AC CYPRESS-CY7C1346F-100AC Datasheet
321Kb / 16P
   2-Mbit (64K x 36) Pipelined Sync SRAM
CY7C1346F-133AC CYPRESS-CY7C1346F-133AC Datasheet
321Kb / 16P
   2-Mbit (64K x 36) Pipelined Sync SRAM
CY7C1346F-166AC CYPRESS-CY7C1346F-166AC Datasheet
321Kb / 16P
   2-Mbit (64K x 36) Pipelined Sync SRAM
More results

Similar Description - CY7C1346H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1346F CYPRESS-CY7C1346F Datasheet
321Kb / 16P
   2-Mbit (64K x 36) Pipelined Sync SRAM
CY7C1329H CYPRESS-CY7C1329H Datasheet
711Kb / 16P
   2-Mbit (64K x 32) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_13 Datasheet
479Kb / 25P
   72-Mbit (2 M x 36) Pipelined Sync SRAM
CY7C1212H CYPRESS-CY7C1212H Datasheet
353Kb / 15P
   1-Mbit (64K x 18) Pipelined Sync SRAM
CY7C1344H CYPRESS-CY7C1344H Datasheet
680Kb / 15P
   2-Mbit (64K x 36) Flow-Through Sync SRAM
CY7C1344F CYPRESS-CY7C1344F Datasheet
287Kb / 15P
   2-Mbit (64K x 36) Flow-Through Sync SRAM
CY7C1212F CYPRESS-CY7C1212F Datasheet
318Kb / 15P
   1-Mbit (64K x 18) Pipelined Sync SRAM
CY7C1347F CYPRESS-CY7C1347F Datasheet
423Kb / 19P
   4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1347G CYPRESS-CY7C1347G Datasheet
1,021Kb / 21P
   4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1298H CYPRESS-CY7C1298H Datasheet
383Kb / 16P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com