Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7207L12TPG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7207L12TPG
Description  CMOS ASYNCHRONOUS FIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7207L12TPG Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7207L12TPG Datasheet HTML 1Page - Integrated Device Technology IDT7207L12TPG Datasheet HTML 2Page - Integrated Device Technology IDT7207L12TPG Datasheet HTML 3Page - Integrated Device Technology IDT7207L12TPG Datasheet HTML 4Page - Integrated Device Technology IDT7207L12TPG Datasheet HTML 5Page - Integrated Device Technology IDT7207L12TPG Datasheet HTML 6Page - Integrated Device Technology IDT7207L12TPG Datasheet HTML 7Page - Integrated Device Technology IDT7207L12TPG Datasheet HTML 8Page - Integrated Device Technology IDT7207L12TPG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7203/7204/7205/7206/7207/7208 CMOS ASYNCHRONOUS FIFO
2,048 x 9, 4,096 x 9, 8,192 x 9, 16,384 x 9, 32,768 x 9 and 65,536 x 9
APRIL 3, 2006
PIN CONFIGURATIONS
Symbol
Rating
Com'l & Ind'l
Military
Unit
VTERM
Terminal
–0.5 to +7.0
–0.5 to +7.0
V
Voltage with
Respect to GND
TSTG
Storage
–55 to + 125
–65 to +155
°C
Temperature
IOUT
DC Output
–50 to +50
–50 to +50
mA
+Current
Reference
Order
Device
Package Type
Identifier
Code
Availability
PLASTIC DIP
P28-1
P
All devices
PLASTIC THIN DIP
P28-2
T P
All except IDT7207/7208
CERDIP
D28-1
D
All except IDT7208
THIN CERDIP
D28-3
TD
Only for IDT7203/7204/7205
SOIC
SO28-3
SO
Only for IDT7204
Reference
Order
Device
Package Type
Identifier
Code
Availability
PLCC
J32-1
J
All devices
LCC(1)
L32-1
L
All except IDT7208
TOP VIEW
TOP VIEW
NOTE:
1. This package is only available in the military temperature range.
NOTES:
1. For
RT/RS/XI input, VIH = 2.6V (commercial).
For
RT/RS/XI input, VIH = 2.6V (military).
2. 1.5V undershoots are allowed for 10ns once per cycle.
5
6
7
8
9
10
11
12
13
FF
XI
GND
1
2
3
4
14
28
27
26
25
24
23
22
21
EF
XO/HF
Vcc
FL/RT
RS
20
19
18
17
16
15
W
D4
Q7
R
2661 drw02a
D5
D7
D6
Q6
Q5
Q4
Q8
Q3
Q2
Q1
Q0
D8
D3
D2
D1
D0
5
6
7
8
9
10
11
12
13
FF
XI
Q0
29
28
27
26
25
24
23
22
21
EF
XO/HF
D6
NC
FL/RT
RS
INDEX
NC
2661 drw02b
D7
D2
D1
D0
Q1
Q2
Q7
Q6
ABSOLUTE MAXIMUM RATINGS
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
Commercial/Industrial/Military
GND
Supply Voltage
0
0
0
V
VIH(1)
Input High Voltage
2.0
V
Commercial/Industrial
VIH(1)
Input High Voltage Military
2.2
V
VIL(2)
Input Low Voltage
0.8
V
Commercial/Industrial/Military
TA
OperatingTemperatureCommercial
0
70
°C
TA
OperatingTemperatureIndustrial
–40
85
°C
TA
OperatingTemperatureMilitary
–55
125
°C


Similar Part No. - IDT7207L12TPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7207L15D IDT-IDT7207L15D Datasheet
148Kb / 12P
   CMOS ASYNCHRONOUS FIFO 32,768 x 9
IDT7207L15DB IDT-IDT7207L15DB Datasheet
148Kb / 12P
   CMOS ASYNCHRONOUS FIFO 32,768 x 9
IDT7207L15J IDT-IDT7207L15J Datasheet
148Kb / 12P
   CMOS ASYNCHRONOUS FIFO 32,768 x 9
IDT7207L15JB IDT-IDT7207L15JB Datasheet
148Kb / 12P
   CMOS ASYNCHRONOUS FIFO 32,768 x 9
IDT7207L15L IDT-IDT7207L15L Datasheet
148Kb / 12P
   CMOS ASYNCHRONOUS FIFO 32,768 x 9
More results

Similar Description - IDT7207L12TPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
   CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Sharp Corporation
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com