Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74CBTLV3862 Datasheet(PDF) 1 Page - Integrated Device Technology

Part No. IDT74CBTLV3862
Description  LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74CBTLV3862 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74CBTLV3862 Datasheet HTML 1Page - Integrated Device Technology IDT74CBTLV3862 Datasheet HTML 2Page - Integrated Device Technology IDT74CBTLV3862 Datasheet HTML 3Page - Integrated Device Technology IDT74CBTLV3862 Datasheet HTML 4Page - Integrated Device Technology IDT74CBTLV3862 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
INDUSTRIALTEMPERATURERANGE
IDT74CBTLV3862
LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
APRIL 2002
2002 Integrated Device Technology, Inc.
DSC-5264/2
c
INDUSTRIAL TEMPERATURE RANGE
APPLICATIONS:
• 3.3V High Speed Bus Switching and Bus Isolation
FEATURES:
•5
Ω
Ω
Ω
Ω
Ω A/B bi-directional switch
• Isolation Under Power-Off Conditions
• Over-voltage tolerant
• Latch-up performance exceeds 100mA
•VCC = 2.3V - 3.6V, normal range
• ESD >2000V per MIL-STD-883, Method 3015; >200V using
machine model (C = 200pF, R = 0)
• Available in SSOP, QSOP, and TSSOP packages
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
IDT74CBTLV3862
LOW-VOLTAGE 10-BIT
BUS SWITCH WITH ACTIVE
HIGH AND LOW ENABLES
SIMPLIFIED SCHEMATIC, EACH
SWITCH
FUNCTIONAL BLOCK DIAGRAM
DESCRIPTION:
The CBTLV3862 provides ten bits of high-speed bus switching with low
on-state resistance of the switch allowing connections to be made with
minimal propagation delay.
The device is organized as one 10-bit bus switch. The switches are
controlled by independent active-low enable (
OE) and active-high enable
(OE) controls.
To ensure the high-impedance state during power up or power down,
OE should be tied to VCC through a pullup resistor; the minimum value of
the resistor is determined by the current-sinking capability of the driver, and
OE should be tied to GND.
2
11
23
A1
A10
OE
SW
SW
B10
B1
22
13
OE
1
A
B
OE
OE


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn