Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C187-35CM Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C187-35CM
Description  ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C187-35CM Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C187-35CM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C187-35CM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C187-35CM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C187-35CM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C187-35CM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C187-35CM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C187-35CM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C187-35CM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C187-35CM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
P4C187/187L
Page 4 of 12
Document # SRAM111 REV B
Notes:
5. CE is LOW and WE is HIGH for READ cycle.
6. WE is HIGH, and address must be valid prior to or coincident with CE
transition LOW.
7. Transition is measured ±200mV from steady state voltage prior to
change with specified loading in Figure 1. This parameter is sampled
and not 100% tested.
8. Read Cycle Time is measured from the last valid address to the first
transitioning address.
TIMING WAVEFORM OF READ CYCLE NO. 2(6)
TIMING WAVEFORM OF READ CYCLE NO. 1(5)
AC CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
MinMax MinMax MinMax MinMax MinMax MinMax MinMax MinMax MinMax MinMax
tRC
Read Cycle Time
10
12
15
20
25
35
45
55
70
85
tAA
Address Access Time
10
12
15
20
25
35
45
55
70
85
tAC
Chip Enable Access Time
10
12
15
20
25
35
45
65
70
85
tOH
Output Hold from Address Change
2222222
222
tLZ
Chip Enable to Output in Low Z
2222222
222
tHZ
Chip Disable to Output in High Z
5
6
8
10
12
17
20
25
30
35
tPU
Chip Enable to Power Up Time
0000000
000
tPD
Chip Disable to Power Down Time
10
12
15
20
25
35
45
55
70
85
Parameter
Symbol
-10
-12
-45
-55
-70
-85
-15
-20
-25
-35


Similar Part No. - P4C187-35CM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C187-35DC ETC-P4C187-35DC Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C187-35DM ETC-P4C187-35DM Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C187-35DMB ETC-P4C187-35DMB Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C187-35JC ETC-P4C187-35JC Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C187-35JM ETC-P4C187-35JM Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results

Similar Description - P4C187-35CM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
   ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
Force Technologies Ltd
FT6264 FORCE-FT6264 Datasheet
953Kb / 17P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C116 PYRAMID-P4C116 Datasheet
239Kb / 14P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com