Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70125S35JG Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT70125S35JG
Description  HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70125S35JG Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT70125S35JG Datasheet HTML 2Page - Integrated Device Technology IDT70125S35JG Datasheet HTML 3Page - Integrated Device Technology IDT70125S35JG Datasheet HTML 4Page - Integrated Device Technology IDT70125S35JG Datasheet HTML 5Page - Integrated Device Technology IDT70125S35JG Datasheet HTML 6Page - Integrated Device Technology IDT70125S35JG Datasheet HTML 7Page - Integrated Device Technology IDT70125S35JG Datasheet HTML 8Page - Integrated Device Technology IDT70125S35JG Datasheet HTML 9Page - Integrated Device Technology IDT70125S35JG Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6.42
IDT70121/IDT70125
High-Speed 2K x 9 Dual-Port Static RAM with Busy & Interrupt
Industrial and Commercial Temperature Ranges
6
APRIL 05, 2006
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(3)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
2. This parameter guaranteed by device characterization, but is not production tested.
3. 'X' in part numbers indicates power rating (S or L).
70121X25
70125X25
Com'l Only
70121X35
70125X35
Com'l
& Ind
Unit
Symbol
Parameter
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
25
____
35
____
ns
tAA
Address Access Time
____
25
____
35
ns
tACE
Chip Enable Access Time
____
25
____
35
ns
tAOE
Output Enable Access Time
____
12
____
25
ns
tOH
Output Hold from Address Change
0
____
0
____
ns
tLZ
Output Low-Z Time
(1,2)
0
____
0
____
ns
tHZ
Output High-Z Time(1,2)
____
10
____
15
ns
tPU
Chip Enable to Power Up Time(2)
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2)
____
50
____
50
ns
2654 tbl 09a
70121X45
70125X45
Com'l Only
70121X55
70125X55
Com'l Only
Unit
Symbol
Parameter
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
45
____
55
____
ns
tAA
Address Access Time
____
45
____
55
ns
tACE
Chip Enable Access Time
____
45
____
55
ns
tAOE
Output Enable Access Time
____
30
____
35
ns
tOH
Output Hold from Address Change
0
____
0
____
ns
tLZ
Output Low-Z Time
(1,2)
0
____
0
____
ns
tHZ
Output High-Z Time
(1,2)
____
20
____
30
ns
tPU
Chip Enable to Power Up Time(2)
0
____
0
____
ns
tPD
Chip Disable to Power Down Time
(2)
____
50
____
50
ns
2654 tbl 09b


Similar Part No. - IDT70125S35JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70125S35J IDT-IDT70125S35J Datasheet
168Kb / 12P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
More results

Similar Description - IDT70125S35JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S Datasheet
168Kb / 12P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70121S IDT-IDT70121S_14 Datasheet
199Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Renesas Technology Corp
70121L RENESAS-70121L Datasheet
416Kb / 17P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_17 Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
IDT71V321S IDT-IDT71V321S Datasheet
129Kb / 14P
   HIGH-SPEED 3.3V 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com