Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70125L35JG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT70125L35JG
Description  HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70125L35JG Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT70125L35JG Datasheet HTML 1Page - Integrated Device Technology IDT70125L35JG Datasheet HTML 2Page - Integrated Device Technology IDT70125L35JG Datasheet HTML 3Page - Integrated Device Technology IDT70125L35JG Datasheet HTML 4Page - Integrated Device Technology IDT70125L35JG Datasheet HTML 5Page - Integrated Device Technology IDT70125L35JG Datasheet HTML 6Page - Integrated Device Technology IDT70125L35JG Datasheet HTML 7Page - Integrated Device Technology IDT70125L35JG Datasheet HTML 8Page - Integrated Device Technology IDT70125L35JG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
6.42
IDT70121/IDT70125
High-Speed 2K x 9 Dual-Port Static RAM with Busy & Interrupt
Industrial and Commercial Temperature Ranges
4
APRIL 05, 2006
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1,4) (VCC = 5V ± 10%)
NOTES:
1. 'X' in part numbers indicates power rating (S or L).
2. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using “AC TEST CONDITIONS” of
input levels of GND to 3V.
3. f = 0 means no address or control lines change. Applies only to inputs at CMOS level standby.
4. Vcc=5V, TA=+25°C for Typ, and is not production tested.
5. Port "A" may be either left or right port. Port "B" is opposite from port "A".
70121X25
70125X25
Com'l Only
70121X35
70125X35
Com'l
& Ind
Symbol
Parameter
Test Condition
Version
Typ.
Max.
Typ.
Max.
Unit
ICC
Dynamic Operating Current
(Both Ports Active)
CE = VIL, Outputs Disabled
f = fMAX(2)
COM'L
S
L
135
135
260
220
135
135
250
210
mA
IND
S
L
___
___
___
___
135
135
275
250
ISB1
Standby Current
(Both Ports - TTL Level Inputs)
CE"A" = CE"B" = VIH
f = fMAX(2)
COM'L
S
L
30
30
65
45
30
30
65
45
mA
IND
S
L
___
___
___
___
30
30
80
65
ISB2
Standby Current
(One Port - TTL Level Inputs)
CE"A" = VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX(2)
COM'L
S
L
80
80
175
145
80
80
165
135
mA
IND
S
L
___
___
___
___
80
80
190
165
ISB3
Full Standby Current (Both Ports
- CMOS Level Inputs)
CE"A" and CE"B" > VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0
(3)
COM'L
S
L
1.0
0.2
15
5
1.0
0.2
15
5
mA
IND
S
L
___
___
___
___
1.0
0.2
15
5
ISB4
Full Standby Current
(One Port - CMOS Level Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(5)
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled,
f = fMAX(2)
COM'L
S
L
70
70
170
140
70
70
160
130
mA
IND
S
L
___
___
___
___
70
70
185
160
2654 tbl 06a
70121X45
70125X45
Com'l Only
70121X55
70125X55
Com'l Only
Symbol
Parameter
Test Condition
Version
Typ.
Max.
Typ.
Max.
Unit
ICC
Dynamic Operating Current
(Both Ports Active)
CE = VIL, Outputs Disabled
f = fMAX(2)
COM'L
S
L
135
135
245
205
135
135
240
200
mA
IND
S
L
___
___
___
___
___
___
___
___
ISB1
Standby Current
(Both Ports - TTL Level Inputs)
CE"A" = CE"B" = VIH
f = fMAX(2)
COM'L
S
L
30
30
65
45
30
30
65
45
mA
IND
S
L
___
___
___
___
___
___
___
___
ISB2
Standby Current
(One Port - TTL Level Inputs)
CE"A" = VIL and CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX(2)
COM'L
S
L
80
80
160
130
80
80
155
125
mA
IND
S
L
___
___
___
___
___
___
___
___
ISB3
Full Standby Current
(Both Ports - CMOS Level
Inputs)
CE"A" and CE"B" > VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0
(3)
COM'L
S
L
1.0
0.2
15
5
1.0
0.2
15
5
mA
IND
S
L
___
___
___
___
___
___
___
___
ISB4
Full Standby Current
(One Port - CMOS Level Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(5)
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled,
f = fMAX
(2)
COM'L
S
L
70
70
155
125
70
70
150
120
mA
IND
S
L
___
___
___
___
___
___
___
___
2654 tbl 06b


Similar Part No. - IDT70125L35JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70125L35J IDT-IDT70125L35J Datasheet
168Kb / 12P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
More results

Similar Description - IDT70125L35JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S Datasheet
168Kb / 12P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70121S IDT-IDT70121S_14 Datasheet
199Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Renesas Technology Corp
70121L RENESAS-70121L Datasheet
416Kb / 17P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_17 Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
IDT71V321S IDT-IDT71V321S Datasheet
129Kb / 14P
   HIGH-SPEED 3.3V 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com