Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C1048L-45PC Datasheet(PDF) 8 Page - Pyramid Semiconductor Corporation

Part # P4C1048L-45PC
Description  LOW POWER 512K x 8 CMOS STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1048L-45PC Datasheet(HTML) 8 Page - Pyramid Semiconductor Corporation

Back Button P4C1048L-45PC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1048L-45PC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1048L-45PC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1048L-45PC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1048L-45PC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1048L-45PC Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1048L-45PC Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C1048L-45PC Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C1048L-45PC Datasheet HTML 12Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
P4C1048L
Page 8 of 12
Document # SRAM129 REV D
DATA RETENTION
1.
CE
1 ≥ VDR -0.2V, CE2 ≥ VDR -0.2V or CE2 ≤ 0.2V; or CE1 ≤ 0.2V, CE2 - 0.2V; VIN ≥ VDR -0.2V or VIN ≤ 0.2V
LOW V
CC DATA RETENTION WAVEFORM
Symbol
Parameter
Test Conditions
Unit
V
DR
I
CCDR
V
CC for Data Retention
Data Retention Current
CE
≥ V
CC -0.2V,
V
IN ≥ VCC -0.2V or VIN ≤ 0.2V
V
V
DR = 2.0V
V
DR = 3.0V
µA
µA
t
R
Operating Recovery Time
Chip Deselect to Data
Retention Time
See Retention Waveform
ns
ns
t
CDR
Max
Min
2.0
5.5
20
200
t
RC
0
30
300
Comm/Ind
Military
Comm/Ind
Military


Similar Part No. - P4C1048L-45PC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1041 PYRAMID-P4C1041 Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
P4C1041-10JC PYRAMID-P4C1041-10JC Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
P4C1041-10JI PYRAMID-P4C1041-10JI Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
P4C1041-10TC PYRAMID-P4C1041-10TC Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
P4C1041-10TI PYRAMID-P4C1041-10TI Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
More results

Similar Description - P4C1048L-45PC

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15V4M08A TMT-T15V4M08A Datasheet
74Kb / 11P
   512K X 8 LOW POWER CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V62C1804096 MOSEL-V62C1804096 Datasheet
157Kb / 10P
   512K X 8, CMOS STATIC RAM
V62C2804096 MOSEL-V62C2804096 Datasheet
163Kb / 10P
   512K X 8, CMOS STATIC RAM
V62C2184096 MOSEL-V62C2184096 Datasheet
49Kb / 10P
   512K X 8, CMOS STATIC RAM
logo
Integrated Silicon Solu...
62WV5128ALL ISSI-62WV5128ALL Datasheet
85Kb / 14P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128DALL ISSI-IS62WV5128DALL Datasheet
525Kb / 18P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Device Techn...
IDT7MB4048 IDT-IDT7MB4048 Datasheet
80Kb / 6P
   512K x 8 CMOS STATIC RAM MODULE
logo
Integrated Silicon Solu...
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62WV5128BLL-55HLI ISSI-IS62WV5128BLL-55HLI Datasheet
286Kb / 17P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
T15V8M16A ETC-T15V8M16A Datasheet
87Kb / 12P
   512K X 16 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com