Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C1024L70TC Datasheet(PDF) 6 Page - Pyramid Semiconductor Corporation

Part # P4C1024L70TC
Description  LOW POWER 128K x 8 CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1024L70TC Datasheet(HTML) 6 Page - Pyramid Semiconductor Corporation

Back Button P4C1024L70TC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1024L70TC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1024L70TC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1024L70TC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1024L70TC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1024L70TC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1024L70TC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1024L70TC Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1024L70TC Datasheet HTML 10Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
P4C1024L
Page 6 of 10
Document # SRAM125 REV C
D
IN
Write
Active
Read
TIMING WAVEFORM OF WRITE CYCLE NO.2 (CE
CE
CE
CE
CE CONTROLLED)(6)
* including scope and test fixture.
Note:
Because of the high speed of the P4C1024L, care must be taken
when testing this device; an inadequate setup can cause a normal
functioning part to be rejected as faulty. Long high-inductance
leads that cause supply bounce must be avoided by bringing the V
CC
and ground planes directly up to the contactor fingers. A 0.01 µF
high frequency capacitor is also required between V
CC and ground.
To avoid signal reflections, proper termination must be used; for
example, a 50
Ω test environment should be terminated into a 50Ω
load with 1.77V (Thevenin Voltage) at the comparator input, and a
589
Ω resistor must be used in series with D
OUT to match 639Ω
(Thevenin Resistance).
AC TEST CONDITIONS
TRUTH TABLE
Input Pulse Levels
Input Rise and Fall Times
Input Timing Reference Level
Output Timing Reference Level
Output Load
GND to 3.0V
3ns
1.5V
1.5V
See Fig. 1 and 2
Mode
Standby
Standby
D
OUT Disabled
Standby
Power
I/O
WE
WE
WE
WE
WE
OE
OE
OE
OE
OE
CE
2
CE
CE
CE
CE
CE
1
High Z
High Z
D
OUT
X
X
H
H
L
X
X
H
L
X
X
L
H
H
H
H
X
L
L
L
Standby
Active
Active
High Z
Figure 1. Output Load
Figure 2. Thevenin Equivalent


Similar Part No. - P4C1024L70TC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
P4C1024-15J3C PYRAMID-P4C1024-15J3C Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
P4C1024-15J3I PYRAMID-P4C1024-15J3I Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
P4C1024-15J4C PYRAMID-P4C1024-15J4C Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
P4C1024-15J4I PYRAMID-P4C1024-15J4I Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
More results

Similar Description - P4C1024L70TC

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com