Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C167-12PC Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C167-12PC
Description  ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C167-12PC Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C167-12PC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C167-12PC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C167-12PC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C167-12PC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C167-12PC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C167-12PC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C167-12PC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C167-12PC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C167-12PC Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Document # SRAM106 REV A
Revised October 2005
FEATURES
Full CMOS, 6T Cell
High Speed (Equal Access and Cycle Times)
– 10/12/15/20/25 ns (Commercial)
– 12/15/20/25/35 ns (Industrial)
– 15/20/25/35/45 ns (Military)
Low Power Operation
Single 5V±10% Power Supply
Data Retention with 2.0V Supply (P4C167L
Military)
P4C167/P4C167L
ULTRA HIGH SPEED 16K X 1
STATIC CMOS RAMS
PIN CONFIGURATIONS
FUNCTIONAL BLOCK DIAGRAM
DIP (P2, C6)
SOJ (J2) SIMILAR
Separate Data I/O
Three-State Output
TTL Compatible Output
Fully TTL Compatible Inputs
Standard Pinout (JEDEC Approved)
– 20-Pin 300 mil DIP
– 20-Pin 300 mil SOJ
– 20-Pin LCC
DESCRIPTION
The P4C167/L are 16,384-bit high speed static RAMs or-
ganizedas16Kx1.TheCMOSmemoriesrequirenoclocks
or refreshing and have equal access and cycle times. The
RAMs operate from a single 5V ± 10% tolerance power
supply. Data integrity is maintained for supply voltages
down to 2.0V, typically drawing 10µA.
Access times as fast as 10 nanoseconds are available,
greatly enhancing system speeds. CMOS reduces power
consumption to low levels.
The P4C167/L are available in 20-pin 300 mil DIP, 20-pin
300 mil SOJ, and 20-pin LCC packages providing excel-
lent board level densities.
1
LCC (L9)


Similar Part No. - P4C167-12PC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C163-25CC PYRAMID-P4C163-25CC Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C163-25CCLF PYRAMID-P4C163-25CCLF Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C163-25CM PYRAMID-P4C163-25CM Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C163-25CMB PYRAMID-P4C163-25CMB Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
More results

Similar Description - P4C167-12PC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
   ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Force Technologies Ltd
FT6264 FORCE-FT6264 Datasheet
953Kb / 17P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com