Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1231H Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1231H
Description  2-Mbit (128K x 18) Flow-Through SRAM with NoBL??Architecture
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1231H Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1231H Datasheet HTML 4Page - Cypress Semiconductor CY7C1231H Datasheet HTML 5Page - Cypress Semiconductor CY7C1231H Datasheet HTML 6Page - Cypress Semiconductor CY7C1231H Datasheet HTML 7Page - Cypress Semiconductor CY7C1231H Datasheet HTML 8Page - Cypress Semiconductor CY7C1231H Datasheet HTML 9Page - Cypress Semiconductor CY7C1231H Datasheet HTML 10Page - Cypress Semiconductor CY7C1231H Datasheet HTML 11Page - Cypress Semiconductor CY7C1231H Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CY7C1231H
Document #: 001-00207 Rev. *B
Page 10 of 12
NOP, STALL and Deselect Cycles[18, 19, 21]
ZZ Mode Timing[22, 23]
Notes:
21. The IGNORE CLOCK EDGE or STALL cycle (Clock 3) illustrated CEN being used to create a pause. A write is not performed during this cycle.
22. Device must be deselected when entering ZZ mode. See Truth Table for all possible signal conditions to deselect the device.
23. I/Os are in tri-state when exiting ZZ sleep mode.
Switching Waveforms (continued)
READ
Q(A3)
456
789
10
A3
A4
A5
D(A4)
123
CLK
CE
WE
CEN
BW[A:B]
ADV/LD
ADDRESS
DQ
COMMAND
WRITE
D(A4)
STALL
WRITE
D(A1)
READ
Q(A2)
STALL
NOP
READ
Q(A5)
DESELECT
CONTINUE
DESELECT
DON’T CARE
UNDEFINED
tCHZ
A1
A2
Q(A2)
D(A1)
Q(A3)
tDOH
Q(A5)
t
ZZ
I
SUPPLY
CLK
ZZ
t
ZZREC
ALL INPUTS
(except ZZ)
DON’T CARE
I
DDZZ
t
ZZI
t
RZZI
Outputs (Q)
High-Z
DESELECT or READ Only
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1231H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1231F CYPRESS-CY7C1231F Datasheet
309Kb / 12P
   2-Mbit (128K x 18) Flow-through SRAM with NoBL Architecture
CY7C1231F CYPRESS-CY7C1231F Datasheet
209Kb / 12P
   2-Mbit (128K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1231F-100 CYPRESS-CY7C1231F-100 Datasheet
309Kb / 12P
   2-Mbit (128K x 18) Flow-through SRAM with NoBL Architecture
CY7C1231F-100AC CYPRESS-CY7C1231F-100AC Datasheet
209Kb / 12P
   2-Mbit (128K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1231F-117 CYPRESS-CY7C1231F-117 Datasheet
309Kb / 12P
   2-Mbit (128K x 18) Flow-through SRAM with NoBL Architecture
More results

Similar Description - CY7C1231H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1231F CYPRESS-CY7C1231F_05 Datasheet
209Kb / 12P
   2-Mbit (128K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1231F CYPRESS-CY7C1231F Datasheet
309Kb / 12P
   2-Mbit (128K x 18) Flow-through SRAM with NoBL Architecture
CY7C1351G CYPRESS-CY7C1351G Datasheet
397Kb / 14P
   4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G_07 Datasheet
575Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1371DV33 CYPRESS-CY7C1371DV33 Datasheet
919Kb / 29P
   18-Mbit (512 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_07 Datasheet
1,011Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371C CYPRESS-CY7C1371C Datasheet
791Kb / 33P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL Architecture
CY7C1353G CYPRESS-CY7C1353G_13 Datasheet
552Kb / 19P
   4-Mbit (256 K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371DV25 CYPRESS-CY7C1371DV25 Datasheet
444Kb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com