Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1218H-100AXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1218H-100AXC
Description  1-Mbit (32K x36) Pipelined Sync SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1218H-100AXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1218H-100AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1218H-100AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1218H-100AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1218H-100AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1218H-100AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1218H-100AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1218H-100AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1218H-100AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1218H-100AXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CY7C1218H
Document #: 38-05667 Rev. *B
Page 7 of 16
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................ –65
°C to + 150°C
Ambient Temperature with
Power Applied............................................ –55
°C to + 125°C
Supply Voltage on VDD Relative to GND....... –0.5V to + 4.6V
Supply Voltage on VDDQ Relative to GND ..... –0.5V to + VDD
DC Voltage Applied to Outputs
in Tri-State........................................... –0.5V to VDDQ + 0.5V
DC Input Voltage ................................... –0.5V to VDD + 0.5V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-up Current..................................................... >200 mA
Operating Range
Range
Ambient
Temperature
VDD
VDDQ
Commercial
0°C to +70°C
3.3V –5%/+10%
2.5V –5%
to VDD
Industrial
–40°C to +85°C
Electrical Characteristics Over the Operating Range [8, 9]
Parameter
Description
Test Conditions
Min.
Max.
Unit
VDD
Power Supply Voltage
3.135
3.6
V
VDDQ
I/O Supply Voltage
for 3.3V I/O
3.135
VDD
V
for 2.5V I/O
2.375
2.625
V
VOH
Output HIGH Voltage
for 3.3V I/O, IOH = –4.0 mA
2.4
V
for 2.5V I/O, IOH = –1.0 mA
2.0
V
VOL
Output LOW Voltage
for 3.3V I/O, IOL = 8.0 mA
0.4
V
for 2.5V I/O, IOL = 1.0 mA
0.4
V
VIH
Input HIGH Voltage[8]
for 3.3V I/O
2.0
VDD + 0.3V
V
for 2.5V I/O
1.7
VDD + 0.3V
V
VIL
Input LOW Voltage[8]
for 3.3V I/O
–0.3
0.8
V
for 2.5V I/O
–0.3
0.7
V
IX
Input Leakage Current
except ZZ and MODE
GND
≤ V
I ≤ VDDQ
–5
5
µA
Input Current of MODE Input = VSS
–30
µA
Input = VDD
5
µA
Input Current of ZZ
Input = VSS
–5
µA
Input = VDD
30
µA
IOZ
Output Leakage Current GND
≤ V
I ≤ VDDQ, Output Disabled
–5
5
µA
IDD
VDD Operating Supply
Current
VDD = Max., IOUT = 0 mA,
f = fMAX = 1/tCYC
6-ns cycle, 166 MHz
240
mA
7.5-ns cycle, 133 MHz
225
mA
ISB1
Automatic CS
Power-down
Current—TTL Inputs
VDD = Max, Device Deselected,
VIN ≥ VIH or VIN ≤ VIL
f = fMAX = 1/tCYC
6-ns cycle, 166 MHz
100
mA
7.5-ns cycle, 133 MHz
90
mA
ISB2
Automatic CS
Power-down
Current—CMOS Inputs
VDD = Max, Device Deselected,
VIN ≤ 0.3V or VIN > VDDQ – 0.3V,
f = 0
All speeds
40
mA
ISB3
Automatic CS
Power-down
Current—CMOS Inputs
VDD = Max, Device Deselected,
or VIN ≤ 0.3V or VIN > VDDQ – 0.3V
f = fMAX = 1/tCYC
6-ns cycle, 166 MHz
85
mA
7.5-ns cycle, 133 MHz
75
mA
ISB4
Automatic CS
Power-down
Current—TTL Inputs
VDD = Max, Device Deselected,
VIN ≥ VIH or VIN ≤ VIL, f = 0
All speeds
45
mA
Notes:
8. Overshoot: VIH(AC) < VDD +1.5V (Pulse width less than tCYC/2), undershoot: VIL(AC) > –2V (Pulse width less than tCYC/2).
9. TPower-up: Assumes a linear ramp from 0V to VDD(min.) within 200 ms. During this time VIH < VDD and VDDQ < VDD.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1218H-100AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1218F CYPRESS-CY7C1218F Datasheet
334Kb / 16P
   1-Mb (32K x36) Pipelined Sync SRAM
CY7C1218F-133AC CYPRESS-CY7C1218F-133AC Datasheet
334Kb / 16P
   1-Mb (32K x36) Pipelined Sync SRAM
More results

Similar Description - CY7C1218H-100AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1218F CYPRESS-CY7C1218F Datasheet
334Kb / 16P
   1-Mb (32K x36) Pipelined Sync SRAM
CY7C1215H CYPRESS-CY7C1215H Datasheet
383Kb / 15P
   1-Mbit (32K x 32) Pipelined Sync SRAM
CY7C1219F CYPRESS-CY7C1219F Datasheet
333Kb / 15P
   1-Mbit (32K x 36) Pipelined DCD Sync SRAM
CY7C1219H CYPRESS-CY7C1219H Datasheet
359Kb / 16P
   1-Mbit (32K x 36) Pipelined DCD Sync SRAM
CY7C1215F CYPRESS-CY7C1215F Datasheet
333Kb / 16P
   1-Mb (32K x 32) Pipelined Sync SRAM
CY7C1212H CYPRESS-CY7C1212H Datasheet
353Kb / 15P
   1-Mbit (64K x 18) Pipelined Sync SRAM
CY7C1212F CYPRESS-CY7C1212F Datasheet
318Kb / 15P
   1-Mbit (64K x 18) Pipelined Sync SRAM
CY7C1298H CYPRESS-CY7C1298H Datasheet
383Kb / 16P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1217H CYPRESS-CY7C1217H Datasheet
386Kb / 16P
   1-Mbit (32K x 36) Flow-Through Sync SRAM
CY7C1298F CYPRESS-CY7C1298F Datasheet
332Kb / 15P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com