Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C164L-100P3ILF Datasheet(PDF) 9 Page - Pyramid Semiconductor Corporation

Part # P4C164L-100P3ILF
Description  LOW POWER 8K x 8 STATIC CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C164L-100P3ILF Datasheet(HTML) 9 Page - Pyramid Semiconductor Corporation

Back Button P4C164L-100P3ILF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C164L-100P3ILF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C164L-100P3ILF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C164L-100P3ILF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C164L-100P3ILF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C164L-100P3ILF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C164L-100P3ILF Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C164L-100P3ILF Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C164L-100P3ILF Datasheet HTML 11Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
P4C164L
Page 9 of 11
Document # SRAM116 REV B
Pkg #
# Pins
Symbol
Min
Max
A
-
0.210
A1
-
b
0.014
0.023
b2
0.045
0.070
C
0.008
0.014
D
1.345
1.400
E1
0.270
0.300
E
0.300
0.380
e
eB
-
0.430
L
0.115
0.150
15°
0.100 BSC
P5
28 (300 mil)
α
Pkg #
# Pins
Symbol
Min
Max
A
0.090
0.200
A1
0.000
0.070
b
0.014
0.020
b2
0.015
0.065
C
0.008
0.012
D
1.380
1.480
E1
0.485
0.550
E
0.600
0.625
e
eB
L
0.100
0.200
15°
P6
28 (600 mil)
0.100 BSC
0.600 TYP
α
PLASTIC DUAL IN-LINE PACKAGE (300 mil)
PLASTIC DUAL IN-LINE PACKAGE (600 mil)


Similar Part No. - P4C164L-100P3ILF

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C164LL PYRAMID-P4C164LL Datasheet
895Kb / 10P
   VERY LOW POWER 8Kx8 STATIC CMOS RAM
P4C164LL-10003CLF PYRAMID-P4C164LL-10003CLF Datasheet
895Kb / 10P
   VERY LOW POWER 8Kx8 STATIC CMOS RAM
P4C164LL-10003ILF PYRAMID-P4C164LL-10003ILF Datasheet
895Kb / 10P
   VERY LOW POWER 8Kx8 STATIC CMOS RAM
P4C164LL-10003MBLF PYRAMID-P4C164LL-10003MBLF Datasheet
895Kb / 10P
   VERY LOW POWER 8Kx8 STATIC CMOS RAM
P4C164LL-10003MLF PYRAMID-P4C164LL-10003MLF Datasheet
895Kb / 10P
   VERY LOW POWER 8Kx8 STATIC CMOS RAM
More results

Similar Description - P4C164L-100P3ILF

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M64A TMT-T15M64A Datasheet
87Kb / 13P
   8K X 8 LOW POWER CMOS STATIC RAM?
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
   8K x 8 Asynchronous CMOS Static RAM
May 2002
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
logo
Intersil Corporation
HM1-65642B-883 INTERSIL-HM1-65642B-883 Datasheet
273Kb / 11P
   8K x 8 Asynchronous CMOS Static RAM
HM-65642 INTERSIL-HM-65642 Datasheet
273Kb / 11P
   8K x 8 Asynchronous CMOS Static RAM
logo
Sharp Corporation
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com