Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1143V18-300BZC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1143V18-300BZC
Description  18-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1143V18-300BZC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1143V18-300BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1143V18-300BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1143V18-300BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1143V18-300BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1143V18-300BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1143V18-300BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1143V18-300BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1143V18-300BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1143V18-300BZC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
CY7C1141V18
CY7C1156V18
CY7C1143V18
CY7C1145V18
Document Number: 001-06583 Rev. *C
Page 7 of 28
CQ
Echo Clock
Synchronous Echo Clock Outputs. This is a free running clock and is synchronized to the input
clock (K) of the QDR-II+. The timings for the echo clocks are shown in the “Switching Characteristics”
on page 23.
ZQ
Input
Output Impedance Matching Input. This input is used to tune the device outputs to the system data
bus impedance. CQ, CQ and Q[x:0] output impedance are set to 0.2 x RQ, where RQ is a resistor
connected between ZQ and ground. Alternatively, connect this pin directly to VDDQ, which enables
the minimum impedance mode. This pin cannot be connected directly to GND or left unconnected.
DOFF
Input
DLL Turn Off
− Active LOW. Connecting this pin to ground turns off the DLL inside the device. The
timings in the DLL turned off operationis different from those listed in this data sheet. For normal
operation, connect this pin to a pull up through a 10 K
Ω or less pull up resistor. The device behaves
in QDR-I mode when the DLL is turned off. In this mode, operate the device at a frequency of up to
167 MHz with QDR-I timing.
TDO
Output
TDO for JTAG.
TCK
Input
TCK pin for JTAG.
TDI
Input
TDI pin for JTAG.
TMS
Input
TMS pin for JTAG.
NC
N/A
Not connected to the die. Tie to any voltage level.
NC/36M
N/A
Not connected to the die. Tie to any voltage level.
NC/72M
N/A
Not connected to the die. Tie to any voltage level.
NC/144M
N/A
Not connected to the die. Tie to any voltage level.
NC/288M
N/A
Not connected to the die. Tie to any voltage level.
VREF
Input-
Reference
Reference Voltage Input. Static input used to set the reference level for HSTL inputs, outputs, and
AC measurement points.
VDD
Power Supply Power supply inputs to the core of the device.
VSS
Ground
Ground for the device.
VDDQ
Power Supply Power supply inputs for the outputs of the device.
Pin Definitions (continued)
Pin Name
IO
Pin Description
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1143V18-300BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1143KV18 CYPRESS-CY7C1143KV18 Datasheet
619Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1143KV18-400BZC CYPRESS-CY7C1143KV18-400BZC Datasheet
619Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1143KV18-400BZI CYPRESS-CY7C1143KV18-400BZI Datasheet
619Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1143KV18-450BZC CYPRESS-CY7C1143KV18-450BZC Datasheet
619Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
More results

Similar Description - CY7C1143V18-300BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1541V18 CYPRESS-CY7C1541V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
RMQSGA3636DGBA RENESAS-RMQSGA3636DGBA_15 Datasheet
853Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst Architecture (2.0 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1241V18 CYPRESS-CY7C1241V18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1541V18 CYPRESS-CY7C1541V18_08 Datasheet
665Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1161V18 CYPRESS-CY7C1161V18 Datasheet
1Mb / 29P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
logo
Renesas Technology Corp
RMQSGA3636DGBA RENESAS-RMQSGA3636DGBA Datasheet
359Kb / 30P
   36-Mbit QDR™ II SRAM 4-word Burst Architecture (2.0 Cycle Read latency)
May 25, 2015
logo
Cypress Semiconductor
CY7C1561V18 CYPRESS-CY7C1561V18_08 Datasheet
676Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
logo
Renesas Technology Corp
RMQSAA3636DGBA RENESAS-RMQSAA3636DGBA_15 Datasheet
832Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst Architecture (2.5 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1261V18 CYPRESS-CY7C1261V18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1561V18 CYPRESS-CY7C1561V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com