Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1069DV33 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1069DV33
Description  16-Mbit (2M x 8) Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1069DV33 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1069DV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1069DV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1069DV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1069DV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1069DV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1069DV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1069DV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1069DV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1069DV33 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PRELIMINARY
CY7C1069DV33
Document #: 38-05478 Rev. *C
Page 5 of 9
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VDR
VCC for Data Retention
2
V
ICCDR
Data Retention Current
VCC = 2V , CE1 > VCC – 0.2V,
CE2 < 0.2V, VIN > VCC – 0.2V or
VIN < 0.2V
25
mA
tCDR
[3]
Chip Deselect to Data Retention Time
0
ns
tR
[11]
Operation Recovery Time
tRC
ns
Data Retention Waveform
Switching Waveforms
Read Cycle No. 1[12,13]
Read Cycle No. 2(OE Controlled)[13,14]
Notes:
11. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 50 µs or stable at VCC(min.) > 50 µs
12. Device is continuously selected. CE1 = VIL, CE2 = VIH.
13. WE is HIGH for Read cycle.
14. Address valid prior to or coincident with CE1 transition LOW and CE2 transition HIGH.
3V
3V
tCDR
VDR > 2V
DATA RETENTION MODE
tR
CE
VCC
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
ADDRESS
DATA OUT
50%
50%
DATA VALID
tRC
tASCE
tDOE
tLZOE
tLZSCE
tPU
HIGH IMPEDANCE
tHZOE
tPD
HIGH
OE
CE1
IMPEDANCE
ADDRESS
DATA OUT
VCC
SUPPLY
tHZSCE
CURRENT
ICC
ISB
CE2
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1069DV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1069DV33 CYPRESS-CY7C1069DV33 Datasheet
518Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1069DV33-10BVXI CYPRESS-CY7C1069DV33-10BVXI Datasheet
518Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1069DV33-10ZSXI CYPRESS-CY7C1069DV33-10ZSXI Datasheet
518Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1069DV33 CYPRESS-CY7C1069DV33_07 Datasheet
518Kb / 10P
   16-Mbit (2M x 8) Static RAM
More results

Similar Description - CY7C1069DV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1069DV33 CYPRESS-CY7C1069DV33_07 Datasheet
518Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1069BV33 CYPRESS-CY7C1069BV33 Datasheet
302Kb / 7P
   16-Mbit (2M x 8) Static RAM
CY62168EV30 CYPRESS-CY62168EV30 Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY62168DV30 CYPRESS-CY62168DV30_10 Datasheet
492Kb / 13P
   16-Mbit (2M x 8) MoBL짰 Static RAM
CY62168DV30 CYPRESS-CY62168DV30_09 Datasheet
316Kb / 9P
   16-Mbit (2M x 8) MoBL Static RAM
CY62168DV3 CYPRESS-CY62168DV3_06 Datasheet
310Kb / 9P
   16-Mbit (2M x 8) MoBL짰 Static RAM
CY62167E CYPRESS-CY62167E Datasheet
528Kb / 12P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30 Datasheet
521Kb / 13P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_09 Datasheet
505Kb / 14P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_10 Datasheet
574Kb / 16P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com