Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1061BV33-12ZC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1061BV33-12ZC
Description  16-Mbit (1M x 16) Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1061BV33-12ZC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1061BV33-12ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1061BV33-12ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1061BV33-12ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1061BV33-12ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1061BV33-12ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1061BV33-12ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1061BV33-12ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1061BV33-12ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1061BV33-12ZC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CY7C1061BV33
Document #: 38-05693 Rev. *B
Page 2 of 9
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage on VCC to Relative GND
[3] –0.5V to +4.6VDC
Voltage Applied to Outputs
in High-Z State[3] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[3] ................................ –0.5V to VCC + 0.5V
Current into Outputs (LOW)......................................... 20 mA
Selection Guide
–10
–12
Unit
Maximum Access Time
10
12
ns
Maximum Operating Current
Commercial
275
260
mA
Industrial
275
260
Maximum CMOS Standby Current
Commercial/Industrial
50
50
mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
3.3V
± 0.3V
Industrial
–40°C to +85°C
DC Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
–10
–12
Unit
Min.
Max.
Min.
Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.0
VCC + 0.3
2.0
VCC + 0.3
V
VIL
Input LOW Voltage[3]
–0.3
0.8
–0.3
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–1
+1
–1
+1
µA
IOZ
Output Leakage Current
GND < VOUT < VCC, Output Disabled
–1
+1
–1
+1
µA
ICC
VCC Operating
Supply Current
VCC = Max.,
f = fMAX = 1/tRC
Commercial
275
260
mA
Industrial
275
260
mA
ISB1
Automatic CE
Power-down Current
—TTL Inputs
Max. VCC, CE > VIH
VIN > VIH or VIN < VIL, f = fMAX
70
70
mA
ISB2
Automatic CE
Power-down Current
—CMOS Inputs
Max. VCC,
CE > VCC – 0.3V,
VIN > VCC – 0.3V,
or VIN < 0.3V, f = 0
Commercial/
Industrial
50
50
mA
Capacitance[4]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 3.3V
6
pF
COUT
I/O Capacitance
8
pF
Thermal Resistance[4]
Parameter
Description
Test Conditions
54-pin TSOP-II
Unit
Θ
JA
Thermal Resistance (Junction to Ambient) Test conditions follow standard test
methods and procedures for
measuring thermal impedance, per
EIA/JESD51.
49.95
°C/W
Θ
JC
Thermal Resistance (Junction to Case)
3.34
°C/W
Notes:
3. VIL (min.) = –2.0V and VIH(max) = VCC + 0.5V for pulse durations of less than 20 ns.
4. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1061BV33-12ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
424Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
329Kb / 11P
   16-Mbit (1 M 횞 16) Static RAM
CY7C10612DV33-10ZSXI CYPRESS-CY7C10612DV33-10ZSXI Datasheet
424Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY7C10612DV33-10ZSXI CYPRESS-CY7C10612DV33-10ZSXI Datasheet
329Kb / 11P
   16-Mbit (1 M 횞 16) Static RAM
CY7C10612DV33 CYPRESS-CY7C10612DV33_11 Datasheet
329Kb / 11P
   16-Mbit (1 M 횞 16) Static RAM
More results

Similar Description - CY7C1061BV33-12ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
424Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_10 Datasheet
319Kb / 17P
   16-Mbit (1M x 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_07 Datasheet
642Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_06 Datasheet
344Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30 Datasheet
265Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167EV18 CYPRESS-CY62167EV18 Datasheet
482Kb / 13P
   16 Mbit (1M x 16) Static RAM
CY62167DV18 CYPRESS-CY62167DV18_07 Datasheet
543Kb / 11P
   16-Mbit (1M x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33_07 Datasheet
545Kb / 11P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_09 Datasheet
349Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33 Datasheet
408Kb / 10P
   16-Mbit (1M x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com