Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1062AV25 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1062AV25
Description  512K x 32 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1062AV25 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1062AV25 Datasheet HTML 1Page - Cypress Semiconductor CY7C1062AV25 Datasheet HTML 2Page - Cypress Semiconductor CY7C1062AV25 Datasheet HTML 3Page - Cypress Semiconductor CY7C1062AV25 Datasheet HTML 4Page - Cypress Semiconductor CY7C1062AV25 Datasheet HTML 5Page - Cypress Semiconductor CY7C1062AV25 Datasheet HTML 6Page - Cypress Semiconductor CY7C1062AV25 Datasheet HTML 7Page - Cypress Semiconductor CY7C1062AV25 Datasheet HTML 8Page - Cypress Semiconductor CY7C1062AV25 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY7C1062AV25
Document #: 38-05333 Rev. *A
Page 3 of 9
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage on VCC Relative to GND
[1] .... –0.5V to +3.6V
DC Voltage Applied to Outputs
in High-Z State[1] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[1].................................–0.5V to VCC + 0.5V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage............................................ >2001V
(per MIL-STD-883, Method 3015)
Latch-up Current...................................................... >200 mA
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
2.5V
± 0.2V
Industrial
–40
°C to +85°C
DC Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
–10
Unit
Min.
Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = –1.0 mA
2.0
V
VOL
Output LOW Voltage
VCC = Min., IOL = 1.0 mA
0.4
V
VIH
Input HIGH Voltage
2.0
VCC + 0.3
V
VIL
Input LOW Voltage[1]
–0.3
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–1
+1
µA
IOZ
Output Leakage Current
GND < VOUT < VCC, Output Disabled
–1
+1
µA
ICC
VCC Operating
Supply Current
VCC = Max., f = fMAX = 1/tRC
Com’l/Ind’l
275
mA
ISB1
Automatic CE Power-down
Current—TTL Inputs
Max. VCC, CE > VIH, VIN > VIH or
VIN < VIL, f = fMAX
Com’l/Ind’l
100
mA
ISB2
Automatic CE Power-down
Current —CMOS Inputs
Max. VCC, CE > VCC – 0.2V,
VIN > VCC – 0.2V, or VIN < 0.2V, f = 0
Com’l/Ind’l
50
mA
Capacitance[2]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 2.5V
8
pF
COUT
I/O Capacitance
10
pF
AC Test Loads and Waveforms[3]
Notes:
1. VIL (min.) = –2.0V for pulse durations of less than 20 ns.
2. Tested initially and after any design or process changes that may affect these parameters.
3. Valid SRAM operation does not occur until the power supplies have reached the minimum operating VDD (2.3V). As soon as 1ms (Tpower) after reaching the
minimum operating VDD, normal SRAM operation can begin including reduction in VDD to the data retention (VCCDR, 1.5V) voltage.
90%
10%
2.3V
GND
90%
10%
ALL INPUT PULSES
2.5V
OUTPUT
5 pF
Including
Jig and
Scope
OUTPUT
(a)
(b)
R1 317
167
R2
351
VENIN EQUIVALENT
THÉ
1.73V
Rise time > 1 V/ns
Fall time:
> 1 V/ns
(c)
OUTPUT
50
Z0 = 50Ω
V
TH = V
DD/2
30 pF
Including all Components
of Test Equipment
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1062AV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1062AV33 CYPRESS-CY7C1062AV33 Datasheet
188Kb / 9P
   The CY7C1062AV33 is a high-performance CMOS Static RAM organized as 524,288 words by 32 bits.
CY7C1062AV33 CYPRESS-CY7C1062AV33 Datasheet
318Kb / 9P
   512K x 32 Static RAM
CY7C1062AV33-10BGC CYPRESS-CY7C1062AV33-10BGC Datasheet
188Kb / 9P
   The CY7C1062AV33 is a high-performance CMOS Static RAM organized as 524,288 words by 32 bits.
CY7C1062AV33-10BGC CYPRESS-CY7C1062AV33-10BGC Datasheet
318Kb / 9P
   512K x 32 Static RAM
CY7C1062AV33-10BGI CYPRESS-CY7C1062AV33-10BGI Datasheet
188Kb / 9P
   The CY7C1062AV33 is a high-performance CMOS Static RAM organized as 524,288 words by 32 bits.
More results

Similar Description - CY7C1062AV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1062AV33 CYPRESS-CY7C1062AV33_06 Datasheet
318Kb / 9P
   512K x 32 Static RAM
CY7C1062DV33 CYPRESS-CY7C1062DV33 Datasheet
317Kb / 10P
   16-Mbit (512K X 32) Static RAM
CYM1846V33 CYPRESS-CYM1846V33 Datasheet
315Kb / 8P
   512K x 32 3.3V Static RAM Module
CY7C1062DV33 CYPRESS-CY7C1062DV33_07 Datasheet
462Kb / 11P
   16-Mbit (512K X 32) Static RAM
logo
Motorola, Inc
MCM32515 MOTOROLA-MCM32515 Datasheet
79Kb / 8P
   512K x 32 Bit Fast Static RAM Module
logo
Cypress Semiconductor
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
   512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
   512K x 8 Static RAM
CY62157CV30 CYPRESS-CY62157CV30 Datasheet
340Kb / 13P
   512K x 16 Static RAM
CY7C1012AV33 CYPRESS-CY7C1012AV33 Datasheet
175Kb / 9P
   512K x 24 Static RAM
CY62157CV25 CYPRESS-CY62157CV25 Datasheet
277Kb / 13P
   512K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com