Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4RC10KPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRG4RC10KPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated UltraFast IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4RC10KPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRG4RC10KPBF Datasheet HTML 2Page - International Rectifier IRG4RC10KPBF Datasheet HTML 3Page - International Rectifier IRG4RC10KPBF Datasheet HTML 4Page - International Rectifier IRG4RC10KPBF Datasheet HTML 5Page - International Rectifier IRG4RC10KPBF Datasheet HTML 6Page - International Rectifier IRG4RC10KPBF Datasheet HTML 7Page - International Rectifier IRG4RC10KPBF Datasheet HTML 8Page - International Rectifier IRG4RC10KPBF Datasheet HTML 9Page - International Rectifier IRG4RC10KPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRG4RC10KPbF
6
www.irf.com
480V
4 X IC@25°C
D.U.T.
50V
L
V *
C
c
d
* Driver same type as D.U.T.; Vc = 80% of Vce(max)
* Note: Due to the 50V power supply, pulse width and inductor
will increase to obtain rated Id.
1000V
Fig. 13a - Clamped Inductive
Load Test Circuit
Fig. 13b - Pulsed Collector
Current Test Circuit
480µF
960V
0 - 480V
RL =
50V
Driver*
1000V
D.U.T.
IC
C
V
™Ã
d
e
L
Fig. 14a - Switching Loss
Test Circuit
* Driver same type
as D.U.T., VC = 480V
2
4
6
8
10
0.2
0.4
0.6
0.8
1.0
1.2
I
, Collector Current (A)
C
R
= Ohm
T
= 150 C
V
= 480V
V
= 15V
G
J
CC
GE
°
Fig. 11 - Typical Switching Losses vs.
Collector Current
Fig. 12 - Turn-Off SOA
100
1
10
100
1
10
100
1000
V
= 20V
T
= 125 C
GE
J
o
SAFE OPERATING AREA
V
, Collector-to-Emitter Voltage (V)
CE


Similar Part No. - IRG4RC10KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4RC10K IRF-IRG4RC10K Datasheet
134Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A)
IRG4RC10KD IRF-IRG4RC10KD Datasheet
190Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A)
IRG4RC10KDPBF IRF-IRG4RC10KDPBF Datasheet
326Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4RC10KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH30KPBF IRF-IRG4PH30KPBF Datasheet
345Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated Ultrafast IGBT
IRGPC40K IRF-IRGPC40K Datasheet
110Kb / 7P
   INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated UltraFast IGBT
IRG4PC40KPBF IRF-IRG4PC40KPBF Datasheet
235Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated UltraFast IGBT
IRGPC20K IRF-IRGPC20K Datasheet
110Kb / 7P
   INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated UltraFast IGBT
IRG4BC30K-SPBF IRF-IRG4BC30K-SPBF Datasheet
271Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR Short Ciruit Rated UltraFast IGBT
IRGBC30KD2 IRF-IRGBC30KD2 Datasheet
145Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated UltraFast CoPack IGBT
IRG4ZH71KD IRF-IRG4ZH71KD Datasheet
245Kb / 10P
   Surface Mountable Short Circuit Rated UltraFast IGBT (INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE)
IRGPC40KD2 IRF-IRGPC40KD2 Datasheet
149Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated
IRG4BC30KDPBF IRF-IRG4BC30KDPBF Datasheet
321Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated UltraFast 1GBT
IRG4PC60UPBF IRF-IRG4PC60UPBF Datasheet
236Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com