Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1049DV33-10VXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1049DV33-10VXI
Description  4-Mbit (512K x 8) Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049DV33-10VXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1049DV33-10VXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1049DV33-10VXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1049DV33-10VXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1049DV33-10VXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1049DV33-10VXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1049DV33-10VXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1049DV33-10VXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1049DV33-10VXI Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CY7C1049DV33
Document #: 38-05475 Rev. *C
Page 4 of 8
Data Retention Characteristics Over the Operating Range
Parameter
Description
Conditions [13]
Min.
Max
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
VCC = VDR = 2.0V, CE > VCC – 0.3V
VIN > VCC – 0.3V or VIN < 0.3V
Ind’l
10
mA
Auto
15
mA
tCDR
[4]
Chip Deselect to Data Retention Time
0
ns
tR
[12]
Operation Recovery Time
tRC
ns
Data Retention Waveform
Switching Waveforms
Read Cycle No. 1[14, 15]
Read Cycle No. 2 (OE Controlled)[15, 16]
Notes:
12. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 50 µs or stable at VCC(min.) > 50 µs
13. No input may exceed VCC + 0.3V.
14. Device is continuously selected. OE, CE = VIL.
15. WE is HIGH for Read cycle.
16. Address valid prior to or coincident with CE transition LOW.
3.0V
3.0V
tCDR
VDR > 2V
DATA RETENTION MODE
tR
CE
VCC
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
ADDRESS
DATA OUT
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
HIGH IMPEDANCE
tHZOE
tHZCE
tPD
HIGH
OE
CE
ICC
ISB
IMPEDANCE
ADDRESS
DATA OUT
V
CC
SUPPLY
CURRENT
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1049DV33-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049DV33-10VXI CYPRESS-CY7C1049DV33-10VXI Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33-10VXI CYPRESS-CY7C1049DV33-10VXI Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
More results

Similar Description - CY7C1049DV33-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY62148BLL-70SXI CYPRESS-CY62148BLL-70SXI Datasheet
343Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_10 Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com