Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C116-35L32MB Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # P4C116-35L32MB
Description  ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C116-35L32MB Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  P4C116-35L32MB Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C116-35L32MB Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C116-35L32MB Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C116-35L32MB Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C116-35L32MB Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C116-35L32MB Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C116-35L32MB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C116-35L32MB Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C116-35L32MB Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
P4C116/P4C116L
Page 5 of 14
Document # SRAM110 REV A
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
TIMING WAVEFORM OF WRITE CYCLE NO. 1 (WE
WE
WE
WE
WE CONTROLLED)(10,11)
Notes:
10. CE and WE must be LOW for WRITE cycle.
11. OE is LOW for this WRITE cycle to show t
WZ and tOW.
12. If CE goes HIGH simultaneously with WE HIGH, the output remains
in a high impedance state
13. Write Cycle Time is measured from the last valid address to the first
transitioning address.
t
WC
Sym.
t
CW
t
AW
t
AS
t
WP
t
AH
t
DW
t
DH
t
WZ
t
OW
Parameter
Write Cycle Time
Chip Enable Time to End of Write
Address Valid to End of Write
Address Set-up Time
Write Pulse Width
Address Hold Time
Data Valid to End of Write
Data Hold Time
Write Enable to Output in High Z
Output Active from End of Write
–10
–12
–15
–20
–25
–35
Unit
Min Max Min Max Min Max Min Max Min Max Min Max
15
12
12
0
12
0
10
0
0
8
20
15
15
0
15
0
12
0
0
10
25
18
18
0
18
0
15
0
0
15
35
25
25
0
20
0
20
0
0
15
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
TIMING WAVEFORM OF WRITE CYCLE NO. 2 (CE
CE
CE
CE
CE CONTROLLED)(10)
10
8
8
0
8
0
7
0
0
6
12
10
10
0
10
0
8
0
0
7


Similar Part No. - P4C116-35L32MB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
More results

Similar Description - P4C116-35L32MB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Force Technologies Ltd
FT6264 FORCE-FT6264 Datasheet
953Kb / 17P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Integrated Device Techn...
IDT7133SA IDT-IDT7133SA Datasheet
140Kb / 16P
   HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
   ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com