Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS97U2A845AHLF-T Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS97U2A845AHLF-T
Description  1.8V Low-Power Wide-Range Frequency Clock Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS97U2A845AHLF-T Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS97U2A845AHLF-T Datasheet HTML 1Page - Integrated Circuit Systems ICS97U2A845AHLF-T Datasheet HTML 2Page - Integrated Circuit Systems ICS97U2A845AHLF-T Datasheet HTML 3Page - Integrated Circuit Systems ICS97U2A845AHLF-T Datasheet HTML 4Page - Integrated Circuit Systems ICS97U2A845AHLF-T Datasheet HTML 5Page - Integrated Circuit Systems ICS97U2A845AHLF-T Datasheet HTML 6Page - Integrated Circuit Systems ICS97U2A845AHLF-T Datasheet HTML 7Page - Integrated Circuit Systems ICS97U2A845AHLF-T Datasheet HTML 8Page - Integrated Circuit Systems ICS97U2A845AHLF-T Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
ICS97U2A845A
Advance Information
1202—06/30/06
Absolute Maximum Ratings
Supply Voltage (VDDQ & AVDD) . . . . . . . . . -0.5V to 2.5V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.5V to VDDQ + 0.5V
Ambient Operating Temperature . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and functional operation of the device at these or any other conditions above those
listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; Supply Voltage AVDDQ, VDDQ = 1.8 V +/- 0.1V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Current
(CLK_INT, CLK_INC)
IIH
VI = VDDQ or GND
±250
µA
Input Low Current (OE,
OS, FB_INT, FB_INC)
IIL
VI = VDDQ or GND
±10
µA
Output Disabled Low
Current
IODL
OE = L, VODL = 100mV
100
µA
IDD1.8
CL = 0pf @ 270MHz
300
mA
IDDLD
CL = 0pf
500
µA
Input Clamp Voltage
VIK
VDDQ = 1.7V Iin = -18mA
-1.2
V
IOH = -100
÷AVDDQ - 0.2
V
IOH = -18 mA
1.1
1.45
V
IOL=100
÷A0.25
0.10
V
IOL=18 mA
0.6
V
Input Capacitance
1
CIN
VI = GND or VDDQ
23
pF
Output Capacitance
1
COUT
VOUT = GND or VDDQ
23
pF
1Guaranteed by design, not 100% tested in production.
Operating Supply
Current
High-level output
voltage
VOH
Low-level output voltage
VOL


Similar Part No. - ICS97U2A845AHLF-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS97U2A845AHLF-T RENESAS-ICS97U2A845AHLF-T Datasheet
421Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
More results

Similar Description - ICS97U2A845AHLF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS97ULP845A ICST-ICS97ULP845A Datasheet
162Kb / 12P
   1.8V Low-Power Wide-Range Frequency Clock Driver
ICS97U2A877A ICST-ICS97U2A877A Datasheet
175Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Renesas Technology Corp
ICS97ULPA877A RENESAS-ICS97ULPA877A Datasheet
407Kb / 16P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS97U2A845A RENESAS-ICS97U2A845A Datasheet
421Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
ICS98ULPA877A RENESAS-ICS98ULPA877A Datasheet
367Kb / 15P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
logo
Integrated Device Techn...
ICS98ULPA877A IDT-ICS98ULPA877A Datasheet
162Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Renesas Technology Corp
ICS97U2A877A RENESAS-ICS97U2A877A Datasheet
390Kb / 15P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
logo
Integrated Circuit Syst...
ICS97ULP844A ICST-ICS97ULP844A Datasheet
133Kb / 12P
   1.8V Low-Power Wide-Range Frequency Clock Driver
logo
Renesas Technology Corp
ICS97ULP844A RENESAS-ICS97ULP844A Datasheet
411Kb / 13P
   1.8V Low-Power Wide-Range Frequency Clock Driver
2019
logo
Integrated Circuit Syst...
ICS97ULP877A ICST-ICS97ULP877A Datasheet
176Kb / 14P
   1.8V Low-Power Wide-Range Frequency Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com