Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1041CV33-12VC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1041CV33-12VC
Description  4-Mbit (256K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041CV33-12VC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1041CV33-12VC Datasheet HTML 1Page - Cypress Semiconductor CY7C1041CV33-12VC Datasheet HTML 2Page - Cypress Semiconductor CY7C1041CV33-12VC Datasheet HTML 3Page - Cypress Semiconductor CY7C1041CV33-12VC Datasheet HTML 4Page - Cypress Semiconductor CY7C1041CV33-12VC Datasheet HTML 5Page - Cypress Semiconductor CY7C1041CV33-12VC Datasheet HTML 6Page - Cypress Semiconductor CY7C1041CV33-12VC Datasheet HTML 7Page - Cypress Semiconductor CY7C1041CV33-12VC Datasheet HTML 8Page - Cypress Semiconductor CY7C1041CV33-12VC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CY7C1041CV33
Document #: 38-05134 Rev. *H
Page 5 of 12
AC Test Loads and Waveforms[4]
Thermal Resistance[3]
Parameter
Description
Test Conditions
TSOP-II
FBGA
SOJ
Unit
Θ
JA
Thermal Resistance (Junction to Ambient) Test conditions follow standard
test methods and procedures for
measuring thermal impedance,
per EIA / JESD51.
42.96
38.15
25.99
°C/W
Θ
JC
Thermal Resistance (Junction to Case)
10.75
9.15
18.8
°C/W
AC Switching Characteristics[5] Over the Operating Range
Parameter
Description
-10
-12
-15
-20
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Read Cycle
tpower
[6]
VCC(typical) to the first access
100
100
100
100
µs
tRC
Read Cycle Time
10
12
15
20
ns
tAA
Address to Data Valid
10
12
15
20
ns
tOHA
Data Hold from Address Change
3
3
3
3
ns
tACE
CE LOW to Data Valid
10
12
15
20
ns
tDOE
OE LOW to Data Valid
5
6
7
8
ns
tLZOE
OE LOW to Low-Z
0
0
0
0
ns
tHZOE
OE HIGH to High-Z[7, 8]
56
7
8
ns
tLZCE
CE LOW to Low-Z[8]
33
3
3
ns
tHZCE
CE HIGH to High-Z[7, 8]
56
7
8
ns
tPU
CE LOW to Power-Up
0
0
0
0
ns
tPD
CE HIGH to Power-Down
10
12
15
20
ns
tDBE
Byte Enable to Data Valid
5
6
7
8
ns
tLZBE
Byte Enable to Low-Z
0
0
0
0
ns
tHZBE
Byte Disable to High-Z
6
6
7
8
ns
Notes:
4. AC characteristics (except High-Z) for 10-ns parts are tested using the load conditions shown in Figure (a). All other speeds are tested using the Thevenin load
shown in Figure (b). High-Z characteristics are tested for all speeds using the test load shown in Figure (d).
5. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V.
6. tPOWER gives the minimum amount of time that the power supply should be at typical VCC values until the first memory access can be performed.
7. tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (d) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage
8. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
9. The internal Write time of the memory is defined by the overlap of CE LOW, and WE LOW. CE and WE must be LOW to initiate a Write, and the transition of
either of these signals can terminate the Write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the
Write.
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
3.3V
OUTPUT
30 pF
* CAPACITIVE LOAD CONSISTS
OF ALL COMPONENTS OF THE
TEST ENVIRONMENT
(b)
R 317
R2
351
Rise Time: 1 V/ns
Fall Time: 1 V/ns
30 pF*
OUTPUT
Z = 50
50
1.5V
(c)
(a)
3.3V
OUTPUT
5 pF
(d)
R 317
R2
351
10-ns Devices
12-, 15-, 20-ns Devices
High-Z Characteristics
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1041CV33-12VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041CV33-12VC CYPRESS-CY7C1041CV33-12VC Datasheet
226Kb / 11P
   256K x 16 Static RAM
More results

Similar Description - CY7C1041CV33-12VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18 Datasheet
457Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33 Datasheet
403Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_09 Datasheet
336Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33_08 Datasheet
432Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30 Datasheet
393Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
527Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30_06 Datasheet
369Kb / 12P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com