Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1041DV33-12VXE Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1041DV33-12VXE
Description  4-Mbit (256K x 16) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041DV33-12VXE Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1041DV33-12VXE Datasheet HTML 1Page - Cypress Semiconductor CY7C1041DV33-12VXE Datasheet HTML 2Page - Cypress Semiconductor CY7C1041DV33-12VXE Datasheet HTML 3Page - Cypress Semiconductor CY7C1041DV33-12VXE Datasheet HTML 4Page - Cypress Semiconductor CY7C1041DV33-12VXE Datasheet HTML 5Page - Cypress Semiconductor CY7C1041DV33-12VXE Datasheet HTML 6Page - Cypress Semiconductor CY7C1041DV33-12VXE Datasheet HTML 7Page - Cypress Semiconductor CY7C1041DV33-12VXE Datasheet HTML 8Page - Cypress Semiconductor CY7C1041DV33-12VXE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CY7C1041DV33
Document #: 38-05473 Rev. *D
Page 5 of 14
AC Switching Characteristics Over the Operating Range[6]
Parameter
Description
–10 (Industrial)
–12 (Automotive)
Unit
Min.
Max.
Min.
Max.
Read Cycle
tpower
[7]
VCC(typical) to the first access
100
100
µs
tRC
Read Cycle Time
10
12
ns
tAA
Address to Data Valid
10
12
ns
tOHA
Data Hold from Address Change
3
3
ns
tACE
CE LOW to Data Valid
10
12
ns
tDOE
OE LOW to Data Valid
5
6ns
tLZOE
OE LOW to Low-Z
0
0
ns
tHZOE
OE HIGH to High-Z[8, 9]
5
6ns
tLZCE
CE LOW to Low-Z[9]
3
3
ns
tHZCE
CE HIGH to High-Z[8, 9]
5
6ns
tPU
CE LOW to Power-Up
0
0
ns
tPD
CE HIGH to Power-Down
10
12
ns
tDBE
Byte Enable to Data Valid
5
6ns
tLZBE
Byte Enable to Low-Z
0
0
ns
tHZBE
Byte Disable to High-Z
6
6ns
Notes
6. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
7. tPOWER gives the minimum amount of time that the power supply should be at typical VCC values until the first memory access can be performed.
8. tHZOE, tHZCE,tHZBE and tHZWE are specified with a load capacitance of 5 pF as in part (c) of AC Test Loads. Transition is measured when the outputs enter a high
impedance state.
9. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, tHZBE is less than tLZBE, and tHZWE is less than tLZWE for any
given device.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1041DV33-12VXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041DV33-12VXE CYPRESS-CY7C1041DV33-12VXE Datasheet
581Kb / 17P
   4-Mbit (256 K 횞 16) Static RAM
More results

Similar Description - CY7C1041DV33-12VXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18 Datasheet
457Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_09 Datasheet
336Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33_08 Datasheet
432Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30 Datasheet
393Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
527Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30_06 Datasheet
369Kb / 12P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com