Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STAC9220 Datasheet(PDF) 61 Page - Integrated Device Technology

Part # STAC9220
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9220 Datasheet(HTML) 61 Page - Integrated Device Technology

Back Button STAC9220 Datasheet HTML 57Page - Integrated Device Technology STAC9220 Datasheet HTML 58Page - Integrated Device Technology STAC9220 Datasheet HTML 59Page - Integrated Device Technology STAC9220 Datasheet HTML 60Page - Integrated Device Technology STAC9220 Datasheet HTML 61Page - Integrated Device Technology STAC9220 Datasheet HTML 62Page - Integrated Device Technology STAC9220 Datasheet HTML 63Page - Integrated Device Technology STAC9220 Datasheet HTML 64Page - Integrated Device Technology STAC9220 Datasheet HTML 65Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 172 page
background image
STAC9220/9221/9223
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
61
STAC9220/9221/9223
V 0.96 102706
8-CHANNEL HIGH DEFINITION AUDIO CODEC
6.8.
DAC2 Node (NID = 0x04)
6.8.1.
DAC2 Cnvtr
Table 79. DAC1 LR Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:3]
Rsvd2
R
0x0
Reserved
[2]
SwapEn
RW
0x0
1 = Enable swapping of left and right channels.
[1:0]
Rsvd1
R
0x0
Reserved
Table 80. DAC2 Cnvtr Command Verb Format
Verb ID
Payload
Response
Get
A
0000
See bitfield table
Set1
2
See bits [15:0] of bitfield table
0000_0000h
Table 81. DAC2 Cnvtr Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:16]
Rsvd2
R
0x0
Reserved
[15]
StrmType
R
0x0
Stream Type: only PCM streams are supported
by this widget.
[14]
FrmtSmplRate
RW
0x0
Sample Base Rate
0 = 48 KHz
1 = 44.1 KHz
[13:11]
SmplRateMultp
RW
0x0
Sample Base Rate Multiple
000 = 48 KHz / 44.1 KHz or less
001 = x2
010 = Reserved (x3)
011 = x4
100-111 = Reserved


Similar Part No. - STAC9220

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9227 IDT-STAC9227 Datasheet
1Mb / 237P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9227D3TAEYYX IDT-STAC9227D3TAEYYX Datasheet
1Mb / 237P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9227D5TAEYYX IDT-STAC9227D5TAEYYX Datasheet
1Mb / 237P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9227X3TAEYYX IDT-STAC9227X3TAEYYX Datasheet
1Mb / 237P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9227X5TAEYYX IDT-STAC9227X5TAEYYX Datasheet
1Mb / 237P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Similar Description - STAC9220

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9227 IDT-STAC9227 Datasheet
1Mb / 237P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD206 IDT-92HD206 Datasheet
1Mb / 176P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9271 IDT-STAC9271 Datasheet
1Mb / 223P
   10-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD700 IDT-92HD700 Datasheet
1Mb / 181P
   10-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC663 REALTEK-ALC663 Datasheet
1Mb / 82P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662 REALTEK-ALC662_09 Datasheet
1Mb / 82P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662-GR REALTEK-ALC662-GR Datasheet
1Mb / 81P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-GR REALTEK-ALC861-GR Datasheet
1Mb / 67P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com