Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STAC9202 Datasheet(PDF) 15 Page - Integrated Device Technology

Part No. STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
Download  135 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 11Page - Integrated Device Technology STAC9202 Datasheet HTML 12Page - Integrated Device Technology STAC9202 Datasheet HTML 13Page - Integrated Device Technology STAC9202 Datasheet HTML 14Page - Integrated Device Technology STAC9202 Datasheet HTML 15Page - Integrated Device Technology STAC9202 Datasheet HTML 16Page - Integrated Device Technology STAC9202 Datasheet HTML 17Page - Integrated Device Technology STAC9202 Datasheet HTML 18Page - Integrated Device Technology STAC9202 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
15
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
2.6.
Power Consumption
2.6.1.
Digital
2.6.2.
5V Analog
Table 1. Digital Power Consumption
Power State
Typical
Max
units
D0
20
25
mA
D1
14
17
mA
D2
14
17
mA
D3
14
17
mA
Table 2. 5 V Analog Power Consumption
Power State
Typical
Max
units
D0
30
36
mA
D1
12
26
mA
D2
12
26
mA
D3
11
26
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
92HD0012-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
STAC92002-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD2068-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD70010-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
AD1987High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
STAC92278-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
AD1984High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1884High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
STAC927110-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD2028-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn