Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STAC9202 Datasheet(PDF) 100 Page - Integrated Device Technology

Part No. STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
Download  135 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 100 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 96Page - Integrated Device Technology STAC9202 Datasheet HTML 97Page - Integrated Device Technology STAC9202 Datasheet HTML 98Page - Integrated Device Technology STAC9202 Datasheet HTML 99Page - Integrated Device Technology STAC9202 Datasheet HTML 100Page - Integrated Device Technology STAC9202 Datasheet HTML 101Page - Integrated Device Technology STAC9202 Datasheet HTML 102Page - Integrated Device Technology STAC9202 Datasheet HTML 103Page - Integrated Device Technology STAC9202 Datasheet HTML 104Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
100
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.18.2.
PortBPin Cap
[15:12]
Rsvd1
R
0x0
Reserved
[11]
SwapCap
R
0x0
No left/right channel swap capability
[10]
PwrCntrl
R
0x0
No support for Power State control
[9]
DigitalStrm
R
0x0
Widget supports an Analog stream
[8]
ConnList
R
0x1
Connection list is present
[7]
UnsolCap
R
0x1
Unsolicited Response is supported
[6]
ProcWidget
R
0x0
No Processing Controls parameter
[5]
Stripe
R
0x0
No support for striping
[4]
FormatOvrd
R
0x0
N/A for pin complex
[3]
AmpParamOvrd
R
0x0
No amplifier info; use default amplifier
parameters from Audio Function node instead.
[2]
OutAmpPrsnt
R
0x0
No output amp
[1]
InAmpPrsnt
R
0x0
No input amp
[0]
Stereo
R
0x1
Stereo widget
Table 226. PortBPin Cap Command Verb Format
Verb ID
Payload
Response
Get
F00
0C
See bitfield table
Table 227. PortBPin Cap Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:17]
Rsvd2
R
0x0
Reserved
[16]
EapdCap
R
0x0
This widget does not control EAPD pin
Table 225. PortBPin WCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
92HD0012-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
STAC92002-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD2068-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD70010-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
AD1987High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
STAC92278-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
AD1984High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1884High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
STAC927110-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD2028-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn