Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STAC9202 Datasheet(PDF) 68 Page - Integrated Device Technology

Part No. STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 68 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 64Page - Integrated Device Technology STAC9202 Datasheet HTML 65Page - Integrated Device Technology STAC9202 Datasheet HTML 66Page - Integrated Device Technology STAC9202 Datasheet HTML 67Page - Integrated Device Technology STAC9202 Datasheet HTML 68Page - Integrated Device Technology STAC9202 Datasheet HTML 69Page - Integrated Device Technology STAC9202 Datasheet HTML 70Page - Integrated Device Technology STAC9202 Datasheet HTML 71Page - Integrated Device Technology STAC9202 Datasheet HTML 72Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
68
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.11.3.
DigOutPin ConnLen
[15:8]
VRefCntrl
R
0x00
VRef generation N/A since pin complex is
not input capable.
[7]
Rsvd1
R
0x0
Reserved
[6]
BalancedIO
R
0x0
Pin complex does not have balanced pins.
[5]
InCap
R
0x0
Pin complex is not input capable.
[4]
OutCap
R
0x1
Pin complex is output capable.
[3]
HPhnDrvCap
R
0x0
Pin does not have a headphone amplifier.
[2]
PresDtctCap
R
0x0
Pin complex cannot perform Presence
Detect.
[1]
TrigRqd
R
0x0
N/A
[0]
ImpSenseCap
R
0x0
Pin complex does not support impedance
sense.
Table 128. DigOutPin ConnLen Command Verb Format
Verb ID
Payload
Response
Get
F00
0E
See bitfield table
Table 129. DigOutPin ConnLen Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:8]
Rsvd
R
0x0
Reserved.
[7]
LongForm
R
0x0
Connection list uses short-form (7-bit) NID entries.
[6:0]
N
R
0x02
Number of NID entries in connection list.
Table 127. DigOutPin Cap Command Response Format
Bit
Bitfield Name
RW
Reset
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
92HD001 2-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
STAC9200 2-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
92HD206 8-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
92HD700 10-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
AD1987 High Definition Audio SoundMAX Codec 1  2  3  4  5  More Analog Devices
STAC9227 8-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
AD1984 High Definition Audio SoundMAX Codec 1  2  3  4  5  More Analog Devices
AD1884 High Definition Audio SoundMAX Codec 1  2  3  4  5  More Analog Devices
STAC9271 10-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
92HD202 8-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn