Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STAC9202 Datasheet(PDF) 42 Page - Integrated Device Technology

Part No. STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
Download  135 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 42 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 38Page - Integrated Device Technology STAC9202 Datasheet HTML 39Page - Integrated Device Technology STAC9202 Datasheet HTML 40Page - Integrated Device Technology STAC9202 Datasheet HTML 41Page - Integrated Device Technology STAC9202 Datasheet HTML 42Page - Integrated Device Technology STAC9202 Datasheet HTML 43Page - Integrated Device Technology STAC9202 Datasheet HTML 44Page - Integrated Device Technology STAC9202 Datasheet HTML 45Page - Integrated Device Technology STAC9202 Datasheet HTML 46Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
42
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.6.2.
ADC0Cnvtr WCap
[6:4]
NumBits
RW
0x3
Bits per Sample
000 = 8 bits
001 = 16 bits
010 = 20 bits
011 = 24 bits
100-111 = Reserved
[3:0]
NumChan
RW
0x1
Number of Channels in each frame of the
stream.
0000 = 1 channel
0001 = 2 channels
...
1111 = 16 channels
Table 58. ADC0Cnvtr WCap Command Verb Format
Verb ID
Payload
Response
Get
F00
09
See bitfield table
Table 59. ADC0Cnvtr WCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:24]
Rsvd2
R
0x0
Reserved
[23:20]
Type
R
0x1
Widget type = Audio Input
[19:16]
Delay
R
0xD
Number of sample delays through widget
[15:12]
Rsvd1
R
0x0
Reserved
[11]
SwapCap
R
0x0
No left/right channel swap capability
[10]
PwrCntrl
R
0x1
Power State control is supported
[9]
DigitalStrm
R
0x0
Widget supports an Analog stream
[8]
ConnList
R
0x1
Connection list is present
[7]
UnsolCap
R
0x0
No support for Unsolicited Response
Table 57. ADC0Cnvtr Frmt Command Response Format
Bit
Bitfield Name
RW
Reset
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
92HD0012-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
STAC92002-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD2068-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD70010-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
AD1987High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
STAC92278-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
AD1984High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1884High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
STAC927110-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD2028-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn