Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STAC9202 Datasheet(PDF) 37 Page - Integrated Device Technology

Part No. STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 37 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 33Page - Integrated Device Technology STAC9202 Datasheet HTML 34Page - Integrated Device Technology STAC9202 Datasheet HTML 35Page - Integrated Device Technology STAC9202 Datasheet HTML 36Page - Integrated Device Technology STAC9202 Datasheet HTML 37Page - Integrated Device Technology STAC9202 Datasheet HTML 38Page - Integrated Device Technology STAC9202 Datasheet HTML 39Page - Integrated Device Technology STAC9202 Datasheet HTML 40Page - Integrated Device Technology STAC9202 Datasheet HTML 41Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
37
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.5.
DAC0Cnvtr Node (NID = 0x02)
5.5.1.
DAC0Cnvtr Frmt
[3:2]
Rsvd2
R
0x0
Reserved
[1:0]
Mode
RW
0x1
Selects the DigMic mode:
0 = disabled
1 = dual mono
2 = single stereo 0
3 = single stereo 1
Table 48. DAC0Cnvtr Frmt Command Verb Format
Verb ID
Payload
Response
Get
A
0000
See bitfield table
Set1
2
See bits [15:0] of bitfield table
0000_0000h
Table 49. DAC0Cnvtr Frmt Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:16]
Rsvd2
R
0x0
Reserved
[15]
StrmType
R
0x0
Stream Type: only PCM streams are
supported by this widget.
[14]
RateBase
RW
0x0
Sample Base Rate
0 = 48 KHz
1 = 44.1 KHz
[13:11]
RateMult
RW
0x0
Sample Base Rate Multiple
000 = 48 KHz / 44.1 KHz or less
001 = x2
010 = Reserved (x3)
011 = x4
100-111 = Reserved
Table 47. AFG DigMic Command Response Format
Bit
Bitfield Name
RW
Reset
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
92HD001 2-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
STAC9200 2-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
92HD206 8-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
92HD700 10-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
AD1987 High Definition Audio SoundMAX Codec 1  2  3  4  5  More Analog Devices
STAC9227 8-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
AD1984 High Definition Audio SoundMAX Codec 1  2  3  4  5  More Analog Devices
AD1884 High Definition Audio SoundMAX Codec 1  2  3  4  5  More Analog Devices
STAC9271 10-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
92HD202 8-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn