Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STAC9202 Datasheet(PDF) 31 Page - Integrated Device Technology

Part No. STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
Download  135 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 31 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 27Page - Integrated Device Technology STAC9202 Datasheet HTML 28Page - Integrated Device Technology STAC9202 Datasheet HTML 29Page - Integrated Device Technology STAC9202 Datasheet HTML 30Page - Integrated Device Technology STAC9202 Datasheet HTML 31Page - Integrated Device Technology STAC9202 Datasheet HTML 32Page - Integrated Device Technology STAC9202 Datasheet HTML 33Page - Integrated Device Technology STAC9202 Datasheet HTML 34Page - Integrated Device Technology STAC9202 Datasheet HTML 35Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
31
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.4.13.
AFG GPIOEn
[1]
Data1
RW
0x0
Data for GPIO1 (Pin 34). If this GPIO bit is
configured as Sticky (edge-sensitive) input,
it can be cleared by writing zero (one) here
when the corresponding Polarity Control bit
is zero (one).
[0]
Data0
RW
0x0
Data for GPIO0 (Pin 33). If this GPIO bit is
configured as Sticky (edge-sensitive) input,
it can be cleared by writing zero (one) here
when the corresponding Polarity Control bit
is zero (one).
Table 34. AFG GPIOEn Command Verb Format
Verb ID
Payload
Response
Get
F16
00
See bitfield table
Set1
716
See bits [7:0] of bitfield table
0000_0000h
Table 35. AFG GPIOEn Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:4]
Rsvd
R
0x0
Reserved
[3]
Mask3
RW
0x0
Enable for GPIO3:
0 = pin is disabled (Hi-Z state);
1 = pin is enabled; behavior determined by
GPIO Direction control
[2]
Mask2
RW
0x0
Enable for GPIO2:
0 = pin is disabled (Hi-Z state);
1 = pin is enabled; behavior determined by
GPIO Direction control
Table 33. AFG GPIO Command Response Format
Bit
Bitfield Name
RW
Reset
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
92HD0012-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
STAC92002-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD2068-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD70010-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
AD1987High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
STAC92278-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
AD1984High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1884High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
STAC927110-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD2028-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn