Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STAC9202 Datasheet(PDF) 26 Page - Integrated Device Technology

Part No. STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 26 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 22Page - Integrated Device Technology STAC9202 Datasheet HTML 23Page - Integrated Device Technology STAC9202 Datasheet HTML 24Page - Integrated Device Technology STAC9202 Datasheet HTML 25Page - Integrated Device Technology STAC9202 Datasheet HTML 26Page - Integrated Device Technology STAC9202 Datasheet HTML 27Page - Integrated Device Technology STAC9202 Datasheet HTML 28Page - Integrated Device Technology STAC9202 Datasheet HTML 29Page - Integrated Device Technology STAC9202 Datasheet HTML 30Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
26
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.4.6.
AFG StreamCap
5.4.7.
AFG PwrCap
[6]
R7
R
0x1
48.0 KHz rate supported (REQUIRED)
[5]
R6
R
0x1
44.1 KHz rate supported
[4]
R5
R
0x0
32.0 KHz rate (2/3*48 KHz) NOT supported
[3]
R4
R
0x0
22.05 KHz rate (1/2*44.1 KHz) NOT supported
[2]
R3
R
0x0
16.0 KHz rate (1/3*48 KHz) NOT supported
[1]
R2
R
0x0
11.025 KHz rate (1/4*44.0 KHz) NOT supported
[0]
R1
R
0x0
8.0 KHz rate (1/6*48 KHz) NOT supported
Table 20. AFG StreamCap Command Verb Format
Verb ID
Payload
Response
Get
F00
0B
See bitfield table
Table 21. AFG StreamCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:3]
Rsvd
R
0x0
Reserved
[2]
NonPCM
R
0x0
No support for non-PCM (AC3) data.
[1]
Float32
R
0x0
No support for single-precision floating-point
data.
[0]
PCM
R
0x1
PCM-formatted data supported.
Table 22. AFG PwrCap Command Verb Format
Verb ID
Payload
Response
Get
F00
0F
See bitfield table
Table 19. AFG FrmtCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
92HD001 2-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
STAC9200 2-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
92HD206 8-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
92HD700 10-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
AD1987 High Definition Audio SoundMAX Codec 1  2  3  4  5  More Analog Devices
STAC9227 8-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
AD1984 High Definition Audio SoundMAX Codec 1  2  3  4  5  More Analog Devices
AD1884 High Definition Audio SoundMAX Codec 1  2  3  4  5  More Analog Devices
STAC9271 10-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
92HD202 8-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn