Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STAC9202 Datasheet(PDF) 25 Page - Integrated Device Technology

Part No. STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
Download  135 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 25 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 21Page - Integrated Device Technology STAC9202 Datasheet HTML 22Page - Integrated Device Technology STAC9202 Datasheet HTML 23Page - Integrated Device Technology STAC9202 Datasheet HTML 24Page - Integrated Device Technology STAC9202 Datasheet HTML 25Page - Integrated Device Technology STAC9202 Datasheet HTML 26Page - Integrated Device Technology STAC9202 Datasheet HTML 27Page - Integrated Device Technology STAC9202 Datasheet HTML 28Page - Integrated Device Technology STAC9202 Datasheet HTML 29Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
25
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.4.5.
AFG FrmtCap
[7:4]
Rsvd1
R
0x0
Reserved
[3:0]
OutputDelay
R
0xD
Typical latency = 13 frames.
Number of samples between when the
signal is received from the HD Audio link
and when it appears as an analog signal at
the pin.
Table 18. AFG FrmtCap Command Verb Format
Verb ID
Payload
Response
Get
F00
0A
See bitfield table
Table 19. AFG FrmtCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:21]
Rsvd2
R
0x0
Reserved
[20]
B32
R
0x0
32 bit audio formats are NOT supported
[19]
B24
R
0x1
24 bit audio formats are supported
[18]
B20
R
0x1
20 bit audio formats are supported
[17]
B16
R
0x1
16 bit audio formats are supported
[16]
B8
R
0x0
8 bit audio formats are NOT supported
[15:12]
Rsvd1
R
0x0
Reserved
[11]
R12
R
0x0
384 KHz rate (8/1*48 KHz) NOT supported
[10]
R11
R
0x1
192.0 KHz rate (4/1*48 KHz) supported
[9]
R10
R
0x1
176.4 KHz rate (4/1*44.1 KHz) supported
[8]
R9
R
0x1
96.0 KHz rate (2/1*48 KHz) supported
[7]
R8
R
0x1
88.2 KHz rate (2/1*44.1 KHz) supported
Table 17. AFG GrpCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
92HD0012-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
STAC92002-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD2068-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD70010-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
AD1987High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
STAC92278-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
AD1984High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1884High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
STAC927110-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD2028-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn