Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STAC9202 Datasheet(PDF) 20 Page - Integrated Device Technology

Part No. STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 20 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 16Page - Integrated Device Technology STAC9202 Datasheet HTML 17Page - Integrated Device Technology STAC9202 Datasheet HTML 18Page - Integrated Device Technology STAC9202 Datasheet HTML 19Page - Integrated Device Technology STAC9202 Datasheet HTML 20Page - Integrated Device Technology STAC9202 Datasheet HTML 21Page - Integrated Device Technology STAC9202 Datasheet HTML 22Page - Integrated Device Technology STAC9202 Datasheet HTML 23Page - Integrated Device Technology STAC9202 Datasheet HTML 24Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
20
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.2.
STAC9202 Widget List
Table 3. High Definition Audio Widget
ID
Widget Name
Description
00h
Root
Root Node
01h
Audio Function Group
Audio Function Group
02h
DAC0
Stereo Ouput to DAC
03h
ADC0
Stereo Input from ADC
04h
SPDIF_IN
Stereo Input for SPDIF_IN
05h
SPDIF_OUT
Stereo Output for SPDIF_OUT
06h
DAC0Mux
DAC Mux and Boost for outputs for DAC
07h
DigPin1
Pin Widget for SPDIF_IN pin 47
08h
DigPin0
Pin Widget for SPDIF_OUT pin 48
09h
ADC0VolMux
ADC0 Volume
0Eh
MasterVolume
Master Volume Controls
0Fh
InPortMux
Port Mux for ADC0
0Ah
Port A
Port A Pin Widget (Pins 39/41, configurable as HP, Line In, Line Out, Mic)
0Dh
Port D
Port D Pin Widget (Pins 35/36, configurable as HP, Line In, Line Out, Mic)
0Ch
Port C
Port C Pin Widget (Pins 23/24, configurable as Line Out, Mic)
0Bh
Port B
Port B Pin Widget (Pins 21/22, configurable as Line Out, Mic)
10h
MonoOut
Mono Output from DAC
11h
CD
CD Pin Widget pins 18/19/20
12h
MonoOutMix
Mixer for Mono Output
13h
Digital PC Beep
Digital PC Beep
14h
ADC0InMux
Input Mux for ADC converter
15h
DigMicPin
Pin Widget for Digital Microphone (Pins 43/44/46 configurable as a Mic)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
92HD001 2-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
STAC9200 2-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
92HD206 8-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
92HD700 10-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
AD1987 High Definition Audio SoundMAX Codec 1  2  3  4  5  More Analog Devices
STAC9227 8-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
AD1984 High Definition Audio SoundMAX Codec 1  2  3  4  5  More Analog Devices
AD1884 High Definition Audio SoundMAX Codec 1  2  3  4  5  More Analog Devices
STAC9271 10-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology
92HD202 8-CHANNEL HIGH DEFINITION AUDIO CODEC 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn