Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STAC9202 Datasheet(PDF) 19 Page - Integrated Device Technology

Part No. STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
Download  135 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 15Page - Integrated Device Technology STAC9202 Datasheet HTML 16Page - Integrated Device Technology STAC9202 Datasheet HTML 17Page - Integrated Device Technology STAC9202 Datasheet HTML 18Page - Integrated Device Technology STAC9202 Datasheet HTML 19Page - Integrated Device Technology STAC9202 Datasheet HTML 20Page - Integrated Device Technology STAC9202 Datasheet HTML 21Page - Integrated Device Technology STAC9202 Datasheet HTML 22Page - Integrated Device Technology STAC9202 Datasheet HTML 23Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
19
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5. WIDGET DIAGRAM
5.1.
STAC9202 Widget Diagram
Figure 2. STAC9202 Widget Diagram
SPDIF In
Pin
7h
SPDIF Out
Pin
8h
Stereo Input
SPDIF IN
4h
Stereo
ADC Input
3h
Stereo
SPDIF Output
5h
Stereo
DAC Output
2h
ADC Vol
Mux
9h
SPDIFOut
SPDIF In
DAC
LR Swap
6h
0
1
1
0
2
Digital
Analog
LR Swap
Pin
HP Out, LineOut,
LineIn, MIC
Ah
Pin
HP Out, LineOut,
LineIn, MIC
Dh
Pin
LineOut, LineIn,
MIC
Ch
Pin
LineOut, LineIn,
MIC
Bh
Pin
CD In
11h
Pin
MONO Out
10h
HP Out
Line Out
Line In
MIC
CD
MONO Out
HP: 0
HP: 0
Universal Jack
TM
Actual Pins
39/41
Universal Jack
TM
Actual Pins
35/36
Universal Jack
TM
Actual Pins
23/24
Universal Jack
TM
Actual Pins
21/22
Actual Pins
18/20
Actual
Pin
37
Fh
0, 10, 20, 30,
40dB Amp
Master
Volume
Eh
Actual
Pin
47
Actual
Pin
48
0 to -46.5
0 to +22.5
Digital PC Beep
13h
Port A
Port D
Port C
Port B
Mono
Mix
12h
Analog PC Beep
Pin 12
SD0 Pin 5
Bit CLK Pin 6
SDI Pin 8
SYNC Pin 10
Reset # Pin 11
Loop 3
Mixer
Pin 13: Sense A
Pin 27: VREF In
Pin 28: VREF Out (switchable Mic Bias)
Pin 32: CAP 2
Pin 33: GPIO0
Pin 34: GPIO1
Pin 45: GPIO2
Pin 47: GPIO3
3
2
1
0
4
ADC In
Mux
14h


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
92HD0012-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
STAC92002-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD2068-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD70010-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
AD1987High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
STAC92278-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
AD1984High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1884High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
STAC927110-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD2028-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn