Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STAC9202 Datasheet(PDF) 18 Page - Integrated Device Technology

Part No. STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
Download  135 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 14Page - Integrated Device Technology STAC9202 Datasheet HTML 15Page - Integrated Device Technology STAC9202 Datasheet HTML 16Page - Integrated Device Technology STAC9202 Datasheet HTML 17Page - Integrated Device Technology STAC9202 Datasheet HTML 18Page - Integrated Device Technology STAC9202 Datasheet HTML 19Page - Integrated Device Technology STAC9202 Datasheet HTML 20Page - Integrated Device Technology STAC9202 Datasheet HTML 21Page - Integrated Device Technology STAC9202 Datasheet HTML 22Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
18
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
4. FUNCTIONAL BLOCK DIAGRAM
4.1.
STAC9202
Figure 1. STAC9202 Functional Block Diagram
MONO_OUT
Pin 37
vol
mute
+0 dB
Pin Complex
Pins 39/41
vol
Stream/
Channel
Select
-6dB
Σ
Stream/
Channel
Select
SPDIF
Receiver
SPDIF IN
mute
PCM to
SPDIF
OUT
SPDIF
Pin 13: Sense A
Pin 27: VREF In
Pin 28: VREF Out (switchable Mic Bias)
Pin 29: VREF Out (switchable Mic Bias)
Pin 32: CAP 2
Pin 33: GPIO0
Pin 34: GPIO1
Pin 45: GPIO2
Pin 47: GPIO3
Pin Complex
Pins 35/36
Pin Complex
Pins 23/24
Pin Complex
Pins 21/22
Digital
PC Beep
HP
Out
Line
Out
Line
Out
HP
Out
STEREO
ADC
vol
mute
+22 dB
CD
Pin Complex
Pins 18/20
Stream/
Channel
Select
MIC
Boost
Stream/
Channel
Select
Port A
Port D
Port C
Port B
Pin 48
CD In
Pin 47
SD0
BIT_CLK
SDI-
CODEC
SYNC
Reset #
Pin 5
Pin 6
Pin 8
Pin 10
Pin 11
Σ
Analog PC
Beep
Pin 12
DAC A
Digital
DAC A
Analog
Digital Mic
Interface
Clock
Control
Pin 46
DMI_CLK
Pins 43/44
DMIC_L,
DMIC_R


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
92HD0012-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
STAC92002-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD2068-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD70010-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
AD1987High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
STAC92278-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
AD1984High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1884High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
STAC927110-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD2028-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn