Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5T93GL061PFGI Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT5T93GL061PFGI
Description  2.5V LVDS 1:6 GLITCHLESS CLOCK BUFFER TERABUFFER??II
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5T93GL061PFGI Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT5T93GL061PFGI Datasheet HTML 6Page - Integrated Device Technology IDT5T93GL061PFGI Datasheet HTML 7Page - Integrated Device Technology IDT5T93GL061PFGI Datasheet HTML 8Page - Integrated Device Technology IDT5T93GL061PFGI Datasheet HTML 9Page - Integrated Device Technology IDT5T93GL061PFGI Datasheet HTML 10Page - Integrated Device Technology IDT5T93GL061PFGI Datasheet HTML 11Page - Integrated Device Technology IDT5T93GL061PFGI Datasheet HTML 12Page - Integrated Device Technology IDT5T93GL061PFGI Datasheet HTML 13Page - Integrated Device Technology IDT5T93GL061PFGI Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
INDUSTRIALTEMPERATURERANGE
10
IDT5T93GL061
2.5VLVDS1:6GLITCHLESSCLOCKBUFFERTERABUFFERII
FSEL Operation for When Opposite Clock Dies
NOTES:
1. When the differential on the selected clock goes below the minimum DC differential, the outputs clock goes to an unknown state. When this happens, the SEL pin should be toggled
and FSEL asserted in order to force selection of the new input clock. The output clock will start up after a number of cycles of the newly-selected input clock.
2. The FSEL pin should stay asserted until the problem with the dead clock can be fixed in the system.
3. It is recommended that the FSEL be tied HIGH for systems that use only one input. If this is not possible, the user must guarantee that the unused input have a differential greater
than or equal to the minimum DC differential specified in the datasheet.
FSEL Operation for When Current Clock Dies
NOTES:
1. When the differential on the non-selected clock goes below the minimum DC differential, the outputs clock goes to an unknown state. When this happens, the FSEL pin should
be asserted in order to force selection of the new input clock. The output clock will start up after a number of cycles of the newly-selected input clock.
2. The FSEL pin should stay asserted until the problem with the dead clock can be fixed in the system.
3. It is recommended that the FSEL be tied HIGH for systems that use only one input. If this is not possible, the user must guarantee that the unused input have a differential greater
than or equal to the minimum DC differential specified in the datasheet.


Similar Part No. - IDT5T93GL061PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T93GL06 IDT-IDT5T93GL06 Datasheet
108Kb / 15P
   2.5V LVDS 1:6 GLITCHLESS CLOCK BUFFER TERABUFFER-TM II
IDT5T93GL06NLI IDT-IDT5T93GL06NLI Datasheet
108Kb / 15P
   2.5V LVDS 1:6 GLITCHLESS CLOCK BUFFER TERABUFFER-TM II
More results

Similar Description - IDT5T93GL061PFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5T93GL06 RENESAS-5T93GL06 Datasheet
408Kb / 19P
   2.5V LVDS, 1:6 Glitchless Clock Buffer TERABUFFER™ II
Mar 2020
logo
Integrated Device Techn...
IDT5T93GL06 IDT-IDT5T93GL06 Datasheet
108Kb / 15P
   2.5V LVDS 1:6 GLITCHLESS CLOCK BUFFER TERABUFFER-TM II
IDT5T93GL02 IDT-IDT5T93GL02 Datasheet
145Kb / 14P
   2.5V LVDS 1:2 GLITCHLESS CLOCK BUFFER TERABUFFER??II
IDT5T93GL10 IDT-IDT5T93GL10 Datasheet
185Kb / 15P
   2.5V LVDS 1:10 GLITCHLESS CLOCK BUFFER TERABUFFER??II
logo
Renesas Technology Corp
5T93GL02 RENESAS-5T93GL02 Datasheet
380Kb / 18P
   2.5V LVDS, 1:2 Glitchless Clock Buffer TERABUFFER™ II
Mar 2020
5T93GL04 RENESAS-5T93GL04 Datasheet
380Kb / 18P
   2.5V LVDS, 1:4 Glitchless Clock Buffer TERABUFFER™ II
Mar 2020
logo
List of Unclassifed Man...
IDT5T9306NLGI ETC2-IDT5T9306NLGI Datasheet
373Kb / 16P
   2.5V LVDS 1:6 Clock Buffer Terabuffer??II
logo
Integrated Device Techn...
IDT5T9306 IDT-IDT5T9306 Datasheet
205Kb / 13P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
IDT5T9306 IDT-IDT5T9306_08 Datasheet
219Kb / 14P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
IDT5T9306 IDT-IDT5T9306_07 Datasheet
237Kb / 13P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com