Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

92HD206 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # 92HD206
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

92HD206 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button 92HD206 Datasheet HTML 11Page - Integrated Device Technology 92HD206 Datasheet HTML 12Page - Integrated Device Technology 92HD206 Datasheet HTML 13Page - Integrated Device Technology 92HD206 Datasheet HTML 14Page - Integrated Device Technology 92HD206 Datasheet HTML 15Page - Integrated Device Technology 92HD206 Datasheet HTML 16Page - Integrated Device Technology 92HD206 Datasheet HTML 17Page - Integrated Device Technology 92HD206 Datasheet HTML 18Page - Integrated Device Technology 92HD206 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 176 page
background image
92HD206
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
8-CHANNEL HIGH DEFINITION AUDIO CODEC
15
92HD206
V 1.2 112006
IDT CONFIDENTIAL
Group Delay (48 KHz sample rate)
5 V
-
-
1
ms
Attenuation, Gain Step Size DIGITAL
5 V
-
0.75
-
dB
Gain Drift
5 V
-
100
-
ppm/ºC
DAC Offset Voltage
5 V
-
100
20
mV
Deviation from Linear Phase
5 V
-
1
10
deg.
Analog Outputs
Full Scale All Line-Outs
DAC PCM Data
5 V
1.00
-
-
Vrms
Full Scale All Line-Outs
DAC PCM Data
5 V
2.83
-
-
Vp-p
All Headphone Capable Outputs (peak)
32
Ω load
5 V
31
50
-
mW
Analog inputs
Full Scale Input Voltage
0dB Boost @ 4.75 V
5 V
1.00
-
-
Vrms
All Analog Inputs with boost
10dB Boost
5 V
0.31
-
-
Vrms
All Analog Inputs with boost
20dB Boost
5 V
0.10
-
-
Vrms
All Analog Inputs with boost
30dB Boost
5 V
0.03
-
-
Vrms
All Analog Inputs with boost
40dB Boost
5 V
0.01
-
-
Vrms
Input Impedance
5 V
-
50
-
K
Input Capacitance
5 V
-
15
-
pF
Analog Mixer
SNR - CD to Ports A,B, & D Line-Out
(Note 4)
5 V
90
dB
THD+N - CD to Ports A,B, & D Line-Out
(Note 3)
-3dB Input
5 V
70
dB
SNR - All Line-In to A,B, & D Line-Out (Note 4)
5 V
90
dB
THD+N - All Line-In to A,B, & D Line-Out
(Note 3)
-3dB Input
5 V
70
dB
SNR - Analog PC Beep to Ports
A, B, & D Line-Out (Note 4)
5 V
85
dB
THD+N - Analog PC Beep to Ports
A, B, & D Line-Out (Note 3)
-3dB Input
5 V
70
dB
Analog to Digital Converter
Resolution
5 V
24
Bits
Dynamic Range, All Analog Inputs to A/D
(Note 1)
High Pass Filer Enabled,
1 Vrms Input, No boost
5 V
88
90
dB
SNR All Analog Inputs to A/D (Note 4)
High Pass Filter enabled
5 V
88
90
dB
THD+N All Analog Inputs to A/D (Note 3)
High Pass Filter enabled,
-3dBV input Level
5 V
85
dB
Analog Frequency Response (Note 2)
5 V
10
-
30,000
Hz
A/D Digital Filter Pass Band (Note 5)
5 V
20
-
19,200
Hz
A/D Digital Filter Transition Band
5 V
19,200
-
28,800
Hz
Parameter
Conditions
AVdd
Min
Typ
Max
Unit


Similar Part No. - 92HD206

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD202DX5PRGXYYX IDT-92HD202DX5PRGXYYX Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD202XX5PRGXYYX IDT-92HD202XX5PRGXYYX Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Similar Description - 92HD206

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9227 IDT-STAC9227 Datasheet
1Mb / 237P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9220 IDT-STAC9220 Datasheet
1Mb / 172P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9271 IDT-STAC9271 Datasheet
1Mb / 223P
   10-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD700 IDT-92HD700 Datasheet
1Mb / 181P
   10-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC663 REALTEK-ALC663 Datasheet
1Mb / 82P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662 REALTEK-ALC662_09 Datasheet
1Mb / 82P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662-GR REALTEK-ALC662-GR Datasheet
1Mb / 81P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-GR REALTEK-ALC861-GR Datasheet
1Mb / 67P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com