Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

92HD206 Datasheet(PDF) 1 Page - Integrated Device Technology

Part No. 92HD206
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
Download  176 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

92HD206 Datasheet(HTML) 1 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 1 / 176 page
background image
DATASHEET
8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD206
IDT™
8-CHANNEL HIGH DEFINITION AUDIO CODEC
1
92HD206
V 1.2 112006
IDT CONFIDENTIAL
Description
The 92HD206 is a Theater Quality 8-channel audio
CODEC that enables systems with 7.1 audio or 5.1 audio
playing simultaneously with VoIP or another stereo audio
stream. IDT's proprietary SD technology provides high
fidelity, with a DAC SNR of 95dB.
Features
High performance HD Audio CODEC provides
Theater Quality Audio
Targeted for designs meeting Premium Windows
Logo Program
High performance SD technology
95dB DAC SNR
90dB ADC SNR
Four stereo DACs and two stereo ADCs
Supports 7.1 Audio
Supports 5.1 Audio with simultaneous Real Time
Communication (RTC) channel such as VoIP or separate
stereo audio stream
24-bit resolution with up to 192 KHz sample rates
Analog Stereo Microphone
Microphone Boost 0, 10, 20, 30, 40dB
Six adjustable Vref outputs for microphone bias
Integrated Headphone Amps (3)
S/PDIF In and Out
Volume Up/Down Control
Jack Insertion Detect and Impedance Sensing
supports Jack Retasking and Universal Jacks
Digital PC Beep to all outputs
+5 V Analog Power Supply
Environmental 48-pin LQFP Package
Software Support
SKPI (Kernel Processing Interface)
Enables plug-ins that can operate globally on all audio
streams of the system
12 band parametric equalizer SKPI plug-in
Constant, system-level effects tuned to optimize a
particular platform can be combined with user-mode
“presets” tailored for specific acoustical environments
and applications
System-level effects automatically disabled when
external connections made
Dynamics Processing SKPI plug-in
Enables improved voice articulation
Compressor/limiter allows higher average noise level
without resonances
Dolby PC Entertainment Experience Logo Program
Dolby Home Theater™
Dolby Sound Room™
Dolby Technologies
Dolby Headphone™, Dolby Virtual Speaker™
Dolby ProLogic II™, Dolby ProLogic IIx™
Dolby Digital Live™
Intel Audio Studiofrom Sonic Focus
Maxx Playerfrom Waves
Microphone Beam Forming, Acoustic Echo
Cancellation, & Noise Suppression from Knowles


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STAC92278-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD2028-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
AD1984High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
92HD0012-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
AD1884High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
STAC927110-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
STAC92002-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
AD1987High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AK4529High Performance Multi-channel Audio CODEC 1 2 3 4 5 MoreAsahi Kasei Microsystems
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn