Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

92HD206 Datasheet(PDF) 65 Page - Integrated Device Technology

Part # 92HD206
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

92HD206 Datasheet(HTML) 65 Page - Integrated Device Technology

Back Button 92HD206 Datasheet HTML 61Page - Integrated Device Technology 92HD206 Datasheet HTML 62Page - Integrated Device Technology 92HD206 Datasheet HTML 63Page - Integrated Device Technology 92HD206 Datasheet HTML 64Page - Integrated Device Technology 92HD206 Datasheet HTML 65Page - Integrated Device Technology 92HD206 Datasheet HTML 66Page - Integrated Device Technology 92HD206 Datasheet HTML 67Page - Integrated Device Technology 92HD206 Datasheet HTML 68Page - Integrated Device Technology 92HD206 Datasheet HTML 69Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 176 page
background image
92HD206
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
8-CHANNEL HIGH DEFINITION AUDIO CODEC
65
92HD206
V 1.2 112006
IDT CONFIDENTIAL
6.7.2.
ADC0 WCap
[6:4]
BitsPerSmpl
RW
0x3
Bits per Sample
000 = 8 bits
001 = 16 bits
010 = 20 bits
011 = 24 bits
100-111 = Reserved
[3:0]
NmbrChan
RW
0x1
Number of Channels Number of channels in
each frame of the stream.
0000 = 1 channel
0001 = 2 channels
...
1111 = 16 channels
Table 119. ADC0 WCap Command Verb Format
Verb ID
Payload
Response
Get
F00
09
See bitfield table.
Table 120. ADC0 WCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:24]
Rsvd2
R
0x0
Reserved
[23:20]
Type
R
0x1
Widget type = Audio Input
[19:16]
Delay
R
0xD
Number of sample delays through widget
[15:12]
Rsvd1
R
0x0
Reserved
[11]
SwapCap
R
0x0
No left/right swap capability
[10]
PwrCntrl
R
0x1
Power State control is supported
[9]
Dig
R
0x0
Widget supports an Analog stream
[8]
ConnList
R
0x1
Connection list is present
[7]
UnSolCap
R
0x0
No support for Unsolicited Response
[6]
ProcWidget
R
0x1
Software should query the Processing
Controls parameter for this widget.
Table 118. ADC0 Cnvtr Command Response Format
Bit
Bitfield Name
RW
Reset
Description


Similar Part No. - 92HD206

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD202DX5PRGXYYX IDT-92HD202DX5PRGXYYX Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD202XX5PRGXYYX IDT-92HD202XX5PRGXYYX Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Similar Description - 92HD206

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9227 IDT-STAC9227 Datasheet
1Mb / 237P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9220 IDT-STAC9220 Datasheet
1Mb / 172P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9271 IDT-STAC9271 Datasheet
1Mb / 223P
   10-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD700 IDT-92HD700 Datasheet
1Mb / 181P
   10-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC663 REALTEK-ALC663 Datasheet
1Mb / 82P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662 REALTEK-ALC662_09 Datasheet
1Mb / 82P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662-GR REALTEK-ALC662-GR Datasheet
1Mb / 81P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-GR REALTEK-ALC861-GR Datasheet
1Mb / 67P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com