Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

92HD206 Datasheet(PDF) 24 Page - Integrated Device Technology

Part # 92HD206
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

92HD206 Datasheet(HTML) 24 Page - Integrated Device Technology

Back Button 92HD206 Datasheet HTML 20Page - Integrated Device Technology 92HD206 Datasheet HTML 21Page - Integrated Device Technology 92HD206 Datasheet HTML 22Page - Integrated Device Technology 92HD206 Datasheet HTML 23Page - Integrated Device Technology 92HD206 Datasheet HTML 24Page - Integrated Device Technology 92HD206 Datasheet HTML 25Page - Integrated Device Technology 92HD206 Datasheet HTML 26Page - Integrated Device Technology 92HD206 Datasheet HTML 27Page - Integrated Device Technology 92HD206 Datasheet HTML 28Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 176 page
background image
92HD206
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
8-CHANNEL HIGH DEFINITION AUDIO CODEC
24
92HD206
V 1.2 112006
IDT CONFIDENTIAL
5.1.
Pin Configuration Default Register Settings
The following table shows the Pin Widget Configuration Default settings.
Table 3. Pin Configuration Default Settings
Pin Name
Port
Location
Device
Connection
Color
Misc
Assoc. Seq
DigInPin
Not Connected
01b
Mainboard
Rear
1h
SPDIF In
Ch
RCA
4h
Gray
2h
Jack Detect Overide = 1
9h
0h
DigOutPin
Connect to Jack
00b
Mainboard
Rear
1h
SPDIF Out
4h
RCA
4h
Gray
2h
Jack Detect Overide = 0
7h
0h
PortAPin
Connect to Jack
00b
Mainboard
Front
2h
HP Out
2h
1/8 inch Jack
1h
Green
4h
Jack Detect Overide = 0
2h
0h
PortBPin
Connect to Jack
00b
Mainboard
Front
2ht
Mic In
Ah
1/8 inch Jack
1h
Pink
9h
Jack Detect Overide = 0
8h
0h
PortCPin
Connect to Jack
00b
Mainboard
Rear
1h
Line In
8h
1/8 inch Jack
1h
Blue
3h
Jack Detect Overide = 0
4h
Eh
PortDPin
Connect to Jack
00b
Mainboard
Rear
1h
Line Out
0h
1/8 inch Jack
1h
Green
4h
Jack Detect Overide = 0
1h
0h
PortEPin
Connect to Jack
00b
Mainboard
Rear
1h
Mic In
Ah
1/8 inch Jack
1h
Pink
9h
Jack Detect Overide = 0
4h
0h
PortFPin
Connect to Jack
00b
Mainboard
Rear
1h
Line Out
0h
1/8 inch Jack
1h
Black
1h
Jack Detect Overide = 0
1h
2h
PortGPin
Connect to Jack
00b
Mainboard
Rear
1h
Line Out
0h
1/8 inch Jack
1h
Orange
6h
Jack Detect Overide = 0
1h
1h
PortHPin
Connect to Jack
00b
Mainboard
Rear
1h
Line Out
0h
1/8 inch Jack
1h
Gray
2h
Jack Detect Overide = 0
1h
Fh
CDPin
Not Connected
01b
Internal
01000b
CD
3h
ATAPI Internal
3h
Unknown
0h
Jack Detect Overide = 1
Fh
0h


Similar Part No. - 92HD206

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD202DX5PRGXYYX IDT-92HD202DX5PRGXYYX Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD202XX5PRGXYYX IDT-92HD202XX5PRGXYYX Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Similar Description - 92HD206

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9227 IDT-STAC9227 Datasheet
1Mb / 237P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9220 IDT-STAC9220 Datasheet
1Mb / 172P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9271 IDT-STAC9271 Datasheet
1Mb / 223P
   10-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD700 IDT-92HD700 Datasheet
1Mb / 181P
   10-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC663 REALTEK-ALC663 Datasheet
1Mb / 82P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662 REALTEK-ALC662_09 Datasheet
1Mb / 82P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662-GR REALTEK-ALC662-GR Datasheet
1Mb / 81P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-GR REALTEK-ALC861-GR Datasheet
1Mb / 67P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com